Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25P64-VMF6P Datasheet(PDF) 35 Page - STMicroelectronics

Part # M25P64-VMF6P
Description  64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P64-VMF6P Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M25P64-VMF6P Datasheet HTML 31Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 32Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 33Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 34Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 35Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 36Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 37Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 38Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
M25P64
Instructions
35/49
6.10
Bulk Erase (BE)
The Bulk Erase (BE) instruction sets all bits to 1 (FFh). Before it can be accepted, a Write
Enable (WREN) instruction must previously have been executed. After the Write Enable
(WREN) instruction has been decoded, the device sets the Write Enable Latch (WEL).
The Bulk Erase (BE) instruction is entered by driving Chip Select (S) Low, followed by the
instruction code on Serial Data Input (D). Chip Select (S) must be driven Low for the entire
duration of the sequence.
The instruction sequence is shown in Figure 17.
Chip Select (S) must be driven High after the eighth bit of the instruction code has been
latched in, otherwise the Bulk Erase instruction is not executed. As soon as Chip Select (S)
is driven High, the self-timed Bulk Erase cycle (whose duration is tBE) is initiated. While the
Bulk Erase cycle is in progress, the Status Register may be read to check the value of the
Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Bulk
Erase cycle, and is 0 when it is completed. At some unspecified time before the cycle is
completed, the Write Enable Latch (WEL) bit is reset.
The Bulk Erase (BE) instruction is executed only if all Block Protect (BP2, BP1, BP0) bits are
0. The Bulk Erase (BE) instruction is ignored if one, or more, sectors are protected.
Figure 17.
Bulk Erase (BE) instruction sequence
C
D
AI03752D
S
2
1
34567
0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com