Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25P64-VMF6P Datasheet(PDF) 27 Page - STMicroelectronics

Part # M25P64-VMF6P
Description  64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P64-VMF6P Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M25P64-VMF6P Datasheet HTML 23Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 24Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 25Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 26Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 27Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 28Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 29Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 30Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
M25P64
Instructions
27/49
6.4.4
SRWD bit
The Status Register Write Disable (SRWD) bit is operated in conjunction with the Write
Protect (W/VPP) signal. The Status Register Write Disable (SRWD) bit and Write Protect
(W/VPP) signal allow the device to be put in the Hardware Protected mode (when the Status
Register Write Disable (SRWD) bit is set to 1, and Write Protect (W/VPP) is driven Low). In
this mode, the non-volatile bits of the Status Register (SRWD, BP2, BP1, BP0) become
read-only bits and the Write Status Register (WRSR) instruction is no longer accepted for
execution.
Figure 11.
Read Status Register (RDSR) instruction sequence and data-out
sequence
C
D
S
2
1
3456789 10 11 12 13 14 15
Instruction
0
AI02031E
Q
7
6543210
Status Register Out
High Impedance
MSB
7
6543210
Status Register Out
MSB
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com