Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD78323LP Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # UPD78323LP
Description  MOS INTEGRATED CIRCUIT
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78323LP Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button UPD78323LP Datasheet HTML 25Page - Renesas Technology Corp UPD78323LP Datasheet HTML 26Page - Renesas Technology Corp UPD78323LP Datasheet HTML 27Page - Renesas Technology Corp UPD78323LP Datasheet HTML 28Page - Renesas Technology Corp UPD78323LP Datasheet HTML 29Page - Renesas Technology Corp UPD78323LP Datasheet HTML 30Page - Renesas Technology Corp UPD78323LP Datasheet HTML 31Page - Renesas Technology Corp UPD78323LP Datasheet HTML 32Page - Renesas Technology Corp UPD78323LP Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
27
µPD78323, 78324
––
q
q
––
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
––
––
q
q
q
q
q
q
q
q
q
q
q
q
––
––
q
q
q
q
q
q
q
q
q
q
q
q
––
––
q
q
q
q
q
q
q
q
q
q
q
q
––
––
RXB
TXS
TMC
BRGM
PRM
TOC0
TOC1
RPUM
STBC
CCW
WDM
MM
PWC
FCC
Asynchronous serial interface
mode register
Asynchronous serial interface
status register
Serial receive buffer
:UART
Serial send shift register
:UART
Timer control register
Baud rate generator mode register
Prescalar mode register
Timer output control register 0
Timer output control register 1
RPU mode register
Standby control register
CPU control word
Watchdog timer mode register
Memory expansion mode register
Programmable weight control register
Fetch cycle control register
External acces area
Interrupt request flag rgister 0L
Interrupt request flag rgister 0H
Interrupt request flag rgister 1L
––
Interrupt mask flag rgister 0L
Interrupt mask flag rgister 0H
Interrupt mask flag rgister 1L
––
Priority specify bufer register 0L
Priority specify bufer register 0H
Priority specify bufer register 1L
––
Interrupt processing mode specify register 0L
Interrupt processing mode specify register 0H
Interrupt processing mode specify register 1L
––
Table 2-2. List of Special Function Registers (3/4)
1 bit
8 bits
16 bits
Address
Special Function Register (SFR) Name
R/W
On Reset
Symbol
Manipulable Bit Unit
ASIM
ASIS
R/W
R
W
R/W
R/WNote
R/W
R/WNote
R/W
Note Write enable in case of special instructions.
FF8CH
FF8EH
FFB0H
FFB1H
FFB2H
FFB8H
FFB9H
FFBFH
FFC0H
FFC1H
FFC2H
FFC4H
FFC6H
FF88H
FF8AH
FFC9H
FFD0H to
FFDFH
FFE0H
FFE1H
FFE2H
FFE3H
FFE4H
FFE5H
FFE6H
FFE7H
FFE8H
FFE9H
FFEAH
FFEBH
FFECH
FFEDH
FFEEH
FFEFH
IF0
IF1
MK0
MK1
PB0
PB1
ISM0
ISM1
IF0L
IF0H
IF1L
––
MK0L
MK0H
MK1L
––
PB0L
PB0H
PB1L
––
ISM0L
ISM0H
ISM1L
––
q
q
q
q
q
q
q
q
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
80H
00H
Undefined
00H
0000
× 000B
00H
22H
00H
Undefined
00H
––
FFH
× × × × × 111B
––
00H
––
00H
––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com