Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD78323LP Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # UPD78323LP
Description  MOS INTEGRATED CIRCUIT
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78323LP Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button UPD78323LP Datasheet HTML 19Page - Renesas Technology Corp UPD78323LP Datasheet HTML 20Page - Renesas Technology Corp UPD78323LP Datasheet HTML 21Page - Renesas Technology Corp UPD78323LP Datasheet HTML 22Page - Renesas Technology Corp UPD78323LP Datasheet HTML 23Page - Renesas Technology Corp UPD78323LP Datasheet HTML 24Page - Renesas Technology Corp UPD78323LP Datasheet HTML 25Page - Renesas Technology Corp UPD78323LP Datasheet HTML 26Page - Renesas Technology Corp UPD78323LP Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 88 page
background image
21
µPD78323, 78324
(f)
Auxiliary carry flag (AC)
If a carry is generated out of bit 3 as a result of operation or a borrow is generated into bit 3, this flag is set to 1.
In all other cases, this flag is reset to 0. This flag can be tested by the conditional branch instruction.
(g) Register set select flag (RSS)
This flag is used to specify general registers X, A, C and B. As shown in Table 2-1, the RSS value determines the
relationship between the functional register and the absolute register.
Thus, another register set (X, A, C, B) can be used by switching the RSS flag.
(h) Interrupt request enable flag (IE)
This flag is used to indicate interrupt request enable/disable. This flag is set to 1 by execution of EI instruction and
is reset to 0 byexecution of DI instruction or acceptance of an interrupt.
(i)
Register bank select flag (RBS0 to RBS2)
This is a 3-bit flag to select one of eight register banks (RBANK0 to RBANK7).
(j)
User flag (UF)
This flag is set or reset in the user program and can be used for program control.
(3)
Stack pointer (SP)
This is a 16-bit register which holds the first address of the stack area (LIFO format) of the memory.
It is operated by a dedicated instruction.
SP is decremented before write (save) operation into the stack memory and is incremented after read (return) operation
from the stack memory.
Since SP becomes indeterminate by RESET input, it must be set before subroutine call.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com