Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD78323LP Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # UPD78323LP
Description  MOS INTEGRATED CIRCUIT
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78323LP Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button UPD78323LP Datasheet HTML 28Page - Renesas Technology Corp UPD78323LP Datasheet HTML 29Page - Renesas Technology Corp UPD78323LP Datasheet HTML 30Page - Renesas Technology Corp UPD78323LP Datasheet HTML 31Page - Renesas Technology Corp UPD78323LP Datasheet HTML 32Page - Renesas Technology Corp UPD78323LP Datasheet HTML 33Page - Renesas Technology Corp UPD78323LP Datasheet HTML 34Page - Renesas Technology Corp UPD78323LP Datasheet HTML 35Page - Renesas Technology Corp UPD78323LP Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
30
µPD78323, 78324
3.
BLOCK FUNCTIONS
3.1
BUS CONTROL UNIT (BCU)
In the BCU, the necessary bus cycle is started according to the physical address obtained by the execution unit (EXU).
If no bus cycle startup request is made from the EXU, a prefetch address is generated and instruction prefetch is carried
out. The prefetched instruction code is fetched into the instruction queue.
3.2
EXECUTION UNIT (EXU)
In the EXU, address calculation, arithmetic logical operation and data transfer are controlled by microprograms. A 256-
byte RAM is built in the EXU.
The 256-byte RAM in the EXU is accessible by the relevant instruction faster than peripheral RAM (768 bytes).
3.3
ROM/RAM
This block consists of a 32K-byte ROM and a 768-byte RAM. However, the
µPD78323 does not incorporate ROM.
ROM access can be disabled by EA pin.
3.4
INTERRUPT CONTROLLER
Various interrupt requests (NMI, INTP0 to INTP6) generated either externally or from the peripheral hardware are
processed by the context switch, vectored interrupt or macro service function.
The 3-level interrupt priority is also specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com