| Electronic Components Datasheet Search |
|
UPD78323LP Datasheet(PDF) 24 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD78323LP Datasheet(HTML) 24 Page - Renesas Technology Corp |
|
24 / 88 page ![]() 22 µPD78323, 78324 (4) CPU control word (CCW) This is an 8-bit register consisting of CPU control related flags. It is mapped in the special function register area and can be controlled by the software. All bits are reset to 0 by RESET input. Figure 2-4. CCW Format • Table position flag (TPF) This flag is used to specify the interrupt vector table area and the memory area used as CALLT instruction table area. As TPF has been reset to 0 after application of RESET input, the 0000H to 007FH address is used as each table area. The 8002H to 807FH address of the external memory area in place of 0002H to 007FH address can be used as each table area by setting TPF to 1 using the software. The vector tables of the BRK instruction, operation code trap interrupt and reset input are fixed to 003EH, 003CH and 0000H, respectively, and they are not affected by TPF. 2.2.2 General Registers These are 128-byte registers mapped in the special area (FE80H to FEFFH) of the internal RAM space. They consist of eight register banks. The general register in the bank consists of sixteen 8-bit registers. Figure 2-5. General Register Memory Location 76 54321 0 00 0000 TPF 0 CCW (FH) RP7 (EH) (DH) RP6 (CH) (BH) RP5 (AH) (9H) RP4 (8H) (7H) RP3 (6H) (5H) RP2 (4H) (3H) RP1 (2H) (1H) RP0 (0H) R15 R14 R13 R12 R11 R10 R9 R8 R7 R6 R5 R4 R3 R2 R1 R0 70 7 0 15 0 RBNK0 RBNK1 RBNK2 RBNK3 RBNK4 RBNK5 RBNK6 RBNK7 FEFFH FE80H 8-Bit Processing 16-Bit Processing |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |