Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5036AIPFCRG4 Datasheet(PDF) 31 Page - Texas Instruments

Part # TAS5036AIPFCRG4
Description  Six Channel Digital Audio PWM Processor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036AIPFCRG4 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TAS5036AIPFCRG4 Datasheet HTML 27Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 28Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 29Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 30Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 31Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 32Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 33Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 34Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 62 page
background image
Serial Control Interface Register Definitions
25
SLES061B—November 2002—Revised January 2004
TAS5036A
3
Serial Control Interface Register Definitions
Table 3−1 shows the register map for the TAS5036A. Default values in this section are in bold.
Table 3−1. I2C Register Map
ADDR HEX
DESCRIPTION
00
General status register
01
Error status register
02
System control register 0
03
System control register 1
04
Error recovery register
05
Automute delay
06
DC-offset control register channel 1
07
DC-offset control register channel 2
08
DC-offset control register channel 3
09
DC-offset control register channel 4
0A
DC-offset control register channel 5
0B
DC-offset control register channel 6
0C
Interchannel delay register channel 1
0D
Interchannel delay register channel 2
0E
Interchannel delay register channel 3
0F
Interchannel delay register channel 4
10
Interchannel delay register channel 5
11
Interchannel delay register channel 6
12
ABD delay register
13
Volume control register channel 1
14
Volume control register channel 2
15
Volume control register channel 3
16
Volume control register channel 4
17
Volume control register channel 5
18
Volume control register channel 6
19
Individual channel mute
The volume table is contained in Appendix A.
Default values are shown in bold in the following tables.
3.1
General Status Register (0x00)
Table 3−2. General Status Register (Read Only)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
-
-
-
-
-
-
-
No volume update is in progress.
1
-
-
-
-
-
-
-
Volume update is in progress.
-
0
-
-
-
-
-
-
Always 0
-
-
1
0
0
1
1
-
Device identification code
-
-
-
-
-
-
-
0
Any valid signal is inactive (see status register, 0x03) (see Note 1).
-
-
-
-
-
-
-
1
No internal errors (all valid signals are high)
NOTE 1: This bit is reset automatically when one or more channels are active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com