Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5036AIPFCRG4 Datasheet(PDF) 43 Page - Texas Instruments

Part # TAS5036AIPFCRG4
Description  Six Channel Digital Audio PWM Processor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036AIPFCRG4 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TAS5036AIPFCRG4 Datasheet HTML 39Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 40Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 41Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 42Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 43Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 44Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 45Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 46Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 62 page
background image
Specifications
37
SLES061B—November 2002—Revised January 2004
TAS5036A
5
Specifications
5.1
Absolute Maximum Ratings Over Operating Temperature Ranges (Unless
Otherwise Noted)†
Digital supply voltage range: DVDD, DVDD_PWM, DVDD_RCL
−0.3 V to 4.2 V
. . . . . . . . . . . . . . . . . . . . . . . . .
Analog supply voltage range: AVDD_PLL, AVDD_OSC
−0.3 V to 4.2 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range, VI
−0.3 V to DVDD_X + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD
2000 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
5.2
Recommended Operating Conditions
MIN
TYP
MAX
UNIT
Supply voltage
Digital
DVDD_X, see Note 2
3
3.3
3.6
V
Supply current
Digital
Operating
60
mA
Supply current
Digital
Power down, see Note 3
25
µA
Power dissipation
Digital
Operating
200
mW
Power dissipation
Digital
Power down
100
µW
Supply voltage
Analog
AVDD_X, see Note 4
3
3.3
3.6
V
Supply current
Analog
Operating
10
mA
Supply current
Analog
Power down, see Note 3
25
µA
Power dissipation
Analog
Operating
35
mW
Power dissipation
Analog
Power down, see Note 3
100
µW
NOTES:
2. DVDD_CORE, DVDD_PWM, DVDD_RCL
3. If the clocks are turned off.
4. AVDD_PLL, AVDD_OSC
5.3
Electrical Characteristics Over Recommended Operating Conditions
5.3.1
Static Digital Specifications Over Recommended Operating Conditions (Unless
Otherwise Noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VIH
High-level input voltage
2
DVDD
V
VIL
Low-level input voltage
0
0.8
V
VOH
High-level output voltage
IO = −1 mA
2.4
V
VOL
Low-level output voltage
IO = 4 mA
0.4
V
Ilkg
Input leakage current
−10
10
µA
5.3.2
Digital Interpolation Filter and PWM Modulator Over Recommended Operating
Conditions (Unless Otherwise Noted) (Fs = 48 kHz)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Pass band
0
20
kHz
Pass-band ripple
±0.012
dB
Stop band
24.1
kHz
Stop-band attenuation
24.1 kHz to 152.3 kHz
50
dB
Group delay
700
µs
PWM modulation index (gain)
0.93%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com