Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5036AIPFCRG4 Datasheet(PDF) 51 Page - Texas Instruments

Part # TAS5036AIPFCRG4
Description  Six Channel Digital Audio PWM Processor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036AIPFCRG4 Datasheet(HTML) 51 Page - Texas Instruments

Back Button TAS5036AIPFCRG4 Datasheet HTML 47Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 48Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 49Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 50Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 51Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 52Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 53Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 54Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 62 page
background image
Specifications
45
SLES061B—November 2002—Revised January 2004
TAS5036A
5.4.3 Serial Control Port—I2C Operation
5.4.3.1
Timing Characteristics for I2C Interface Signals Over Recommended Operating
Conditions (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS
STANDARD
MODE
FAST MODE
UNIT
PARAMETER
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNIT
fSCL
Frequency, SCL
0
100
0
400
kHz
tw(H)
Pulse duration, SCL high
4
0.6
µs
tw(L)
Pulse duration, SCL low
4.7
1.3
µs
tr
Rise time, SCL and SDA
1000
300
ns
tf
Fall time, SCL and SDA
300
300
ns
tsu1
Setup time, SDA to SCL
250
100
ns
th1
Hold time, SCL to SDA
0
0
ns
t(buf)
Bus free time between stop and start condition
4.7
1.3
µs
tsu2
Setup time, SCL to start condition
4.7
0.6
µs
th2
Hold time, start condition to SCL
4
0.6
µs
tsu3
Setup time, SCL to stop condition
4
0.6
µs
CL
Load capacitance for each bus line
400
400
pF
SCLK
SDA
th1
tw(L)
tf
tr
tsu
tw(H)
Figure 5−12. SCL and SDA Timing
SCLK
SDA
th2
t(buf)
tsu2
tsu3
Start Condition
Stop Condition
Figure 5−13. Start and Stop Conditions Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com