Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5036AIPFCRG4 Datasheet(PDF) 16 Page - Texas Instruments

Part # TAS5036AIPFCRG4
Description  Six Channel Digital Audio PWM Processor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036AIPFCRG4 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS5036AIPFCRG4 Datasheet HTML 12Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 13Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 14Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 15Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 16Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 17Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 18Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 19Page - Texas Instruments TAS5036AIPFCRG4 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
Architecture Overview
10
SLES061B—November 2002—Revised January 2004
TAS5036A
Alternatively, the TAS5036A can be prevented from entering the latched mute state following a clock error
when the ERR_RCVRY terminal or the error recovery I2C command (register 0x03 bit D2) is active by writing
0x7F to the individual error recovery register (0x04) and 0x84 to the feature enable register (0x1F).
Table 2−2. Master and Slave Clock Modes
DESCRIPTION
M_S
DBSPD
XTL_IN
(MHz)†
MCLK_IN
(MHz)‡
SCLK
(MHz)
k
LRCLK
(kHz)¶
MCLK_OUT
(MHz)#
Internal PLL, master, normal speed
1
0
8.192
-
2.048
32
8.192
Internal PLL, master, normal speed
1
0
11.2896
-
2.8224
44.1
11.2896
Internal PLL, master, normal speed
1
0
12.288
-
3.072
48
12.288
Internal PLL, master, double speed
1
1
-
22.5792§
5.6448
88.2
22.5792
Internal PLL, master, double speed
1
1
-
24.576§
6.144
96
24.576
Internal PLL, master, quad speed
1
0
-
22.5792
11.2896
176.4
22.5792
Internal PLL, master, quad speed
1
0
-
24.576
12.288
192
24.576
Internal PLL, slave, normal speed
0
0
-
8.192§
2.0484
32
Digital GND
Internal PLL, slave, normal speed
0
0
-
11.2896§
2.8224
44.1
Digital GND
Internal PLL, slave, normal speed
0
0
-
12.288§
3.072
48
Digital GND
Internal PLL, slave, double speed
0
1
-
22.5792
5.6448
88.2
Digital GND
Internal PLL, slave, double speed
0
1
-
24.576§
6.144
96
Digital GND
Internal PLL, slave, quad speed ||
0
0
-
22.5792§
11.2896
176
Digital GND
Internal PLL, slave, quad speed ||
0
0
-
24.576§
12.288
192
Digital GND
† A crystal oscillator is connected to XTL_IN.
‡ MCLK_IN tied low when input to XTL_IN is provided; XTL_IN tied low when MCLK_IN_IN is provided.
§ External MCLK_IN connected to MCLK_IN_IN input
¶ SCLK and LRCLK are outputs when M_S = 1, and inputs when M_S = 0.
# MCLK_OUT is driven low when M_S = 0.
|| Quad-speed mode is detected automatically.
kSCLK can be 48 or 64 times Fs
Table 2−3. LRCLK and MCLK_IN Rates
NORMAL SPEED (kHz)
DOUBLE SPEED (kHz)
QUAD SPEED (kHz)
LRCLK
1 Fs
32
44.1
48
1 Fs
64
88.2
96
1 Fs
176.4
192
MCLK_IN
256 Fs
8,192
11,289.6
12,288
256 Fs
16,384
22,579.2
24,576
128 Fs
22,579.2
24,576
2.1.5 PLL External Filter
In the TAS5036A, a low-jitter PLL produces the internal timing (when in master mode), the master clock, SCLK,
and LRCLK. Connections for the PLL external filter are provided through PLL_FLT_OUT and PLL_FLT_RET
as shown in Figure 2−2.
PLL_FLT_OUT
TAS5036A
PLL_FLT_RET
220
Ω
47 nF
4.7 nF
Figure 2−2. PLL External Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com