Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA323W Datasheet(PDF) 24 Page - STMicroelectronics

Part # STA323W
Description  2.1 high efficiency digital audio system
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STA323W_06 Datasheet HTML 20Page - STMicroelectronics STA323W_06 Datasheet HTML 21Page - STMicroelectronics STA323W_06 Datasheet HTML 22Page - STMicroelectronics STA323W_06 Datasheet HTML 23Page - STMicroelectronics STA323W_06 Datasheet HTML 24Page - STMicroelectronics STA323W_06 Datasheet HTML 25Page - STMicroelectronics STA323W_06 Datasheet HTML 26Page - STMicroelectronics STA323W_06 Datasheet HTML 27Page - STMicroelectronics STA323W_06 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 71 page
background image
Electrical characteristics curves
STA323W
24/71
Figure 31.
FFT -60 dbfs 1 kHz, 4
Ω
Figure 32.
PSRR BTL: 500 mV ripple
4.1.3
Audio performance - half bridge binary mode (operation with Vcc =
18.5 V)
Figure 33.
Frequency response: 1 W, binary half bridge mode
-160
+4 0
-140
-120
-100
-8 0
-6 0
-4 0
-2 0
+0
+2 0
20
20 k
50
100
20 0
5 0 0
1k
2k
5 k
10k
Hz
dB r
6o hm
8 o h m
4 o h m
-1 0 0
+1 0
-9 0
-8 0
-7 0
-6 0
-5 0
-4 0
-3 0
-2 0
-1 0
+0
20
20 0
30
40
50
6 0
70
80 90 10 0
Hz
T
T
dB r
Fre q ue nc y (Hz )
-3
+3
-2 .5
-2
-1 .5
-1
-0 .5
+0
+0 .5
+1
+1 .5
+2
+2 .5
20
20 k
50
10 0
2 0 0
50 0
1 k
2 k
5 k
1 0 k
3 ohm
2 ohm
4o h m
dB r A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com