Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA323W Datasheet(PDF) 50 Page - STMicroelectronics

Part # STA323W
Description  2.1 high efficiency digital audio system
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STA323W_06 Datasheet HTML 46Page - STMicroelectronics STA323W_06 Datasheet HTML 47Page - STMicroelectronics STA323W_06 Datasheet HTML 48Page - STMicroelectronics STA323W_06 Datasheet HTML 49Page - STMicroelectronics STA323W_06 Datasheet HTML 50Page - STMicroelectronics STA323W_06 Datasheet HTML 51Page - STMicroelectronics STA323W_06 Datasheet HTML 52Page - STMicroelectronics STA323W_06 Datasheet HTML 53Page - STMicroelectronics STA323W_06 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 71 page
background image
Register descriptions
STA323W
50/71
When DDX® is used with an AM radio tuner, it is recommended to use the AMAM bits to
automatically adjust the output PWM switching rate so that it depends on the specific radio
frequency that the tuner is receiving. The values used in AMAM are also dependent upon
the sample rate that is determined by the ADC used.
100
1.301 MHz – 1.480 MHz
1.181 MHz – 1.340 MHz
101
1.481 MHz – 1.600 MHz
1.341 MHz – 1.500 MHz
110
1.601 MHz – 1.700 MHz
1.501 MHz – 1.700 MHz
Table 57.
Automode crossover setting
Bit
R/W
RST
Name
Description
7…4 R/W
0
XO (3…0)
000: user defined crossover coefficients are used
Otherwise: preset coefficients are used for the required
crossover setting
Table 58.
Crossover frequency selection
XO (2..0)
Bass management - crossover frequency
0000
User
0001
80 Hz
0010
100 Hz
0011
120 Hz
0100
140 Hz
0101
160 Hz
0110
180 Hz
0111
200 Hz
1000
220 Hz
1001
240 Hz
1010
260 Hz
1011
280 Hz
1100
300 Hz
1101
320 Hz
1110
340 Hz
1111
360 Hz
Table 56.
Auto mode AM switching frequency selection (continued)
AMAM (2..0)
48 kHz/96 kHz input Fs
44.1 kHz/88.2 kHz input Fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com