Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA323W Datasheet(PDF) 30 Page - STMicroelectronics

Part # STA323W
Description  2.1 high efficiency digital audio system
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STA323W_06 Datasheet HTML 26Page - STMicroelectronics STA323W_06 Datasheet HTML 27Page - STMicroelectronics STA323W_06 Datasheet HTML 28Page - STMicroelectronics STA323W_06 Datasheet HTML 29Page - STMicroelectronics STA323W_06 Datasheet HTML 30Page - STMicroelectronics STA323W_06 Datasheet HTML 31Page - STMicroelectronics STA323W_06 Datasheet HTML 32Page - STMicroelectronics STA323W_06 Datasheet HTML 33Page - STMicroelectronics STA323W_06 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 71 page
background image
STA323W I2C bus specification
STA323W
30/71
6
STA323W I2C bus specification
The STA323W supports the I2C fast mode (400 Kbit/s) protocol. This protocol defines any
device that sends data on to the bus as a transmitter and any device that reads the data as
a receiver. The device that controls the data transfer is known as the master and the other
as the slave. The master always starts the transfer and provides the serial clock for
synchronization. The STA323W is always a slave device in all of its communications.
6.1
Communication protocol
6.1.1
Data transition or change
Data changes on the SDA line must only occur when the SCL clock is low. SDA transition
while the clock is high is used to identify a START or STOP condition.
6.1.2
Start condition
START is identified by a high to low transition of the data bus SDA signal while the clock
signal SCL is stable in the high state. A START condition must precede any command for
data transfer.
6.1.3
Stop condition
STOP is identified by a low to high transition of the data bus SDA signal while the clock
signal SCL is stable in the high state. A STOP condition terminates communication between
STA323W and the bus master.
6.1.4
Data input
During the data input the STA323W samples the SDA signal on the rising edge of clock
SCL. For correct device operation the SDA signal must be stable during the rising edge of
the clock and the data can change only when the SCL line is low.
6.2
Device addressing
To start communication between the master and the STA323W, the master must initiate with
a START condition. Following this, the master sends 8 bits (MSB first) on the SDA line
corresponding to the device select address and read or write mode.
The 7 most significant bits are the device address identifiers, corresponding to the I2C bus
definition. In the STA323W the I2C interface uses a device address of 0x34 or 0011010x.
The 8th bit (LSB) identifies read or write operation, RW. This bit is set to 1 in read mode and
0 for write mode. After a START condition the STA323W identifies the device address on the
bus. If a match is found, it acknowledges the identification on the SDA bus during the 9th bit
time. The byte following the device identification byte is the internal space address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com