Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA323W Datasheet(PDF) 44 Page - STMicroelectronics

Part # STA323W
Description  2.1 high efficiency digital audio system
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STA323W_06 Datasheet HTML 40Page - STMicroelectronics STA323W_06 Datasheet HTML 41Page - STMicroelectronics STA323W_06 Datasheet HTML 42Page - STMicroelectronics STA323W_06 Datasheet HTML 43Page - STMicroelectronics STA323W_06 Datasheet HTML 44Page - STMicroelectronics STA323W_06 Datasheet HTML 45Page - STMicroelectronics STA323W_06 Datasheet HTML 46Page - STMicroelectronics STA323W_06 Datasheet HTML 47Page - STMicroelectronics STA323W_06 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 71 page
background image
Register descriptions
STA323W
44/71
7.6.4
PWM speed mode
7.6.5
Zero-crossing volume enable
The ZCE bit enables zero-crossing volume adjustments. When volume is adjusted on digital
zero-crossings no clicks are audible.
7.6.6
Soft volume update enable
The STA323W includes a soft volume algorithm that steps through the intermediate volume
values at a predetermined rate when a volume change occurs. By setting SVE=0 this can be
bypassed and volume changes will jump from the old to the new value directly. This feature
is available only if individual channel volume bypass bit is set to 0.
Table 39.
PWM speed mode
Bit
R/W
RST
Name
Description
4
R/W
0
PWMS
Normal or odd
Table 40.
PWM output speed selections
PWMS (1...0)
PWM output speed
0
Normal speed (384kHz) all channels
1
Odd speed (341.3kHz) all channels
Table 41.
Zero-crossing volume enable
Bit
R/W
RST
Name
Description
6R/W
1
ZCE
1: volume adjustments will only occur at digital zero-
crossings
0: volume adjustments will occur immediately
Table 42.
Soft volume update enable
Bit
R/W
RST
Name
Description
7
R/W
1
SVE
1: volume adjustments will use soft volume
0: volume adjustments will occur immediately



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com