Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5504 Datasheet(PDF) 40 Page - Texas Instruments

Part # TAS5504
Description  4 Channel Digital Audio PWM Processor
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5504 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TAS5504_06 Datasheet HTML 36Page - Texas Instruments TAS5504_06 Datasheet HTML 37Page - Texas Instruments TAS5504_06 Datasheet HTML 38Page - Texas Instruments TAS5504_06 Datasheet HTML 39Page - Texas Instruments TAS5504_06 Datasheet HTML 40Page - Texas Instruments TAS5504_06 Datasheet HTML 41Page - Texas Instruments TAS5504_06 Datasheet HTML 42Page - Texas Instruments TAS5504_06 Datasheet HTML 43Page - Texas Instruments TAS5504_06 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 96 page
background image
TAS5504 Controls and Status
33
SLES123 − October 2004
TAS5504
2
TAS5504 Controls and Status
The TAS5504 provides control and status information from both the I2C registers and device pins.
This section describes some of these controls and status functions. The I2C summary and detailed register
descriptions are contained in sections at the end of this document.
2.1
I2C Status Registers
The TAS5504 has two status registers that provide general device information. These are the General Status
Register 0 (0x01) and the Error Status Register (0x02).
2.1.1 General Status Register (0x01)
•
Device identification code
•
Clip indicator – The TAS5504 has a clipping indicator. Writing to the register clears the indicator.
•
Bank switching is busy
2.1.2 Error Status Register (0x02)
•
No internal errors (the valid signal is high)
•
A clock error has occurred – These are sticky bits that are cleared by writing to the register.
−
LRCLK error – When the number of MCLKs per LRCLK is incorrect
−
SCLK error – When the number of SCLKS per LRCLK is incorrect
−
Frame slip – When the number of MCLKs per LRCLK changes by more than 10 MCLK cycles
−
PLL phase-lock error
•
This error status register is normally used for system development only.
2.2
TAS5504 Pin Controls
The TAS5504 provide a number of terminal controls to manage the device operation. These controls are:
•
RESET
•
PDN
•
BKND_ERR
•
HP_SEL
•
MUTE
2.2.1 Reset (RESET)
The TAS5504 is placed in the reset mode by setting the RESET terminal low or by the power up reset circuitry
when power is applied.
RESET is an asynchronous control signal that restores the TAS5504 to the hard mute state (M). Master
volume is immediately set to full attenuation (there is no ramp down). Reset initiates the device reset without
an MCLK input. As long as the RESET terminal is held low, the device is in the reset state. During reset, all
I2C and serial data bus operations are ignored.
Table 2−1 shows the device output signals while RESET is active.
Table 2−1. Device Outputs During Reset
SIGNAL
SIGNAL STATE
Valid
Low
PWM P-outputs
Low (M-State)
PWM M-outputs
Low (M-State)
SDA
Signal Input (not driven)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com