Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5504 Datasheet(PDF) 82 Page - Texas Instruments

Part # TAS5504
Description  4 Channel Digital Audio PWM Processor
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5504 Datasheet(HTML) 82 Page - Texas Instruments

Back Button TAS5504_06 Datasheet HTML 78Page - Texas Instruments TAS5504_06 Datasheet HTML 79Page - Texas Instruments TAS5504_06 Datasheet HTML 80Page - Texas Instruments TAS5504_06 Datasheet HTML 81Page - Texas Instruments TAS5504_06 Datasheet HTML 82Page - Texas Instruments TAS5504_06 Datasheet HTML 83Page - Texas Instruments TAS5504_06 Datasheet HTML 84Page - Texas Instruments TAS5504_06 Datasheet HTML 85Page - Texas Instruments TAS5504_06 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 96 page
background image
Serial Control Interface Register Definitions
76
SLES123 − October 2004
TAS5504
6.23 DRC2 Data Registers (0x9D – 0xA1)
DRC2 applies to channel 4.
Table 6−25. DRC2 Data Registers
I2C
SUBADDRESS
TOTAL
BYTES
REGISTER NAME
DESCRIPTION OF CONTENTS
DEFAULT STATE
Channel 4 DRC2 Energy
U (31:28), E (27:24), E (23:16), E (15:8), E (7:0)
0x00, 0x00, 0x88, 0x3F
0x9D
8
Channel 4 DRC2 (1− Energy)
U (31:28), 1−E (27:24), 1−E (23:16), 1−E (15:8),
1−E (7:0)
0x00, 0x7F, 0x77, 0xC0
Channel 4 DRC2 Threshold
Upper 16 bits (T1)
U (31:24), U (23:16), T1 (15:8), T1 (7:0)
0x00, 0x00, 0x00, 0x00
0x9E
16
Channel 4 DRC2 Threshold
Lower 32 bits (T1)
T1 (31:24), T1 (23:16), T1 (15:8), T1 (7:0)
0x0B, 0x20, 0xE2, 0xB2
0x9E
16
Channel 4 DRC2 Threshold
Upper 16 bits (T2)
U (31:24), U (23:16), T2 (15:8), T2 (7:0)
0x00, 0x00, 0x00, 0x00
Channel 4 DRC2 Threshold
Lower 32 bits (T2)
T2 (31:24), T2 (23:16), T2 (15:8), T2 (7:0)
0x06, 0xF9, 0xDE, 0x58
Channel 4 DRC2 slope (k0)
U (31:28), k0 (27:24), k0 (23:16), k0 (15:8),
k0 (7:0)
0x00, 0x40, 0x00, 0x00
0x9F
12
Channel 4 DRC2 slope (k1)
U (31:28), k1 (27:24), k1 (23:16), k1 (15:8),
k1 (7:0)
0x0F, 0xC0, 0x00, 0x00
Channel 4 DRC2 slope (k2)
U (31:28), k2 (27:24), k2 (23:16), k2 (15:8),
k2 (7:0)
0x0F, 0x90, 0x00, 0x00
Channel 4 DRC2 Offset 1
Upper 16 bits (O1)
U (31:24), U (23:16), O1 (15:8), O1 (7:0)
0x00, 0x00, 0xFF, 0xFF,
0xA0
16
Channel 4 DRC2 Offset 1
Lower 32 bits (O1)
O1 (31:24), O1 (23:16), O1 (15:8), O1 (7:0)
0xFF, 0x82, 0x30, 0x98
0xA0
16
Channel 4 DRC2 Offset 2
Upper 16 bits (O2)
U (31:24), U (23:16), O2 (15:8), O2 (7:0)
0x00, 0x00, 0x00, 0x00
Channel 4 DRC2 Offset 2
Lower 32 bits (O2)
O2 (31:24), O2 (23:16), O2 (15:8), O2 (7:0)
0x01, 0x95, 0xB2, 0xC0
Channel 4 DRC2 Attack
U (31:28), A (27:24), A (23:16), A (15:8), A (7:0)
0x00, 0x00, 0x88, 0x3F
0xA1
16
Channel 4 DRC2 (1− Attack)
U (31:28), 1−A (27:24), 1−A (23:16), 1−A (15:8),
1−A (7:0)
0x00, 0x7F, 0x77, 0xC0
0xA1
16
Channel 4 DRC2 Decay
U (31:28), D (27:24), D (23:16), D (15:8), D (7:0)
0x00, 0x00, 0x00, 0x56
Channel 4 DRC2 (1− Decay)
U (31:28), 1−D (27:24), 1−D (23:16), 1−D (15:8),
1−D (7:0)
0x00, 0x3F, 0xFF, 0xA8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com