Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5504 Datasheet(PDF) 78 Page - Texas Instruments

Part # TAS5504
Description  4 Channel Digital Audio PWM Processor
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5504 Datasheet(HTML) 78 Page - Texas Instruments

Back Button TAS5504_06 Datasheet HTML 74Page - Texas Instruments TAS5504_06 Datasheet HTML 75Page - Texas Instruments TAS5504_06 Datasheet HTML 76Page - Texas Instruments TAS5504_06 Datasheet HTML 77Page - Texas Instruments TAS5504_06 Datasheet HTML 78Page - Texas Instruments TAS5504_06 Datasheet HTML 79Page - Texas Instruments TAS5504_06 Datasheet HTML 80Page - Texas Instruments TAS5504_06 Datasheet HTML 81Page - Texas Instruments TAS5504_06 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 96 page
background image
Serial Control Interface Register Definitions
72
SLES123 − October 2004
TAS5504
6.16 Bass Management Registers (0x49–0x50)
Registers 0x49–0x50 provide configuration control for bass mangement.
Each gain coefficient is in 28-bit (5.23) format so 0x800000 is a gain of 1. Each gain coefficient is written as
a 32-bit word with the upper four bits not used.
Table 6−17. Bass Management Registers Format (0x49 – 0x50)
SUBADDRESS
TOTAL
BYTES
REGISTER
NAME
DESCRIPTION OF CONTENTS
DEFAULT STATE
0x49
4
ipmix_1_to_ch4
Input Mixer 1 to Ch 4 Mixer coefficient (default = 0)
U (31:28), ipmix14 (27:24), ipmix14 (23:16), ipmix14 (15:8),
ipmix14 (7:0)
0x00, 0x00, 0x00, 0x00
0x4A
4
ipmix_2_to_ch4
Input Mixer 2 to Ch 4 Mixer coefficient (default = 0)
U (31:28), ipmix24 (27:24), ipmix24 (23:16), ipmix24 (15:8),
ipmix24 (7:0)
0x00, 0x00, 0x00, 0x00
0x4B
4
ipmix_3_to_ch12 Input Mixer 3 to Ch 1 and Ch 2 Mixer coefficient (default = 0)
U (31:28), ipmix32 (27:24), ipmix32 (23:16), ipmix32 (15:8),
ipmix32 (7:0)
0x00, 0x00, 0x00, 0x00
0x4C
4
Ch3_bp_bq2
Ch 3 Biquad-2 By-pass coefficient (default = 0)
U (31:28), ch3_bp_bq2 (27:24), ch3_bp_bq2 (23:16),
ch3_bp_bq2 (15:8), ch3_bp_bq2 (7:0)
0x00, 0x00, 0x00, 0x00
0x4D
4
Ch3_bq2
Ch 3 Biquad-2 Inline coefficient (default = 1)
U (31:28), ch3_bq2 (27:24), ch3_bq2 (23:16), ch3_bq2 (15:8),
ch3_bq2 (7:0)
0x00, 0x80, 0x00, 0x00
0x4E
4
ipmix_4_to_ch12 Ch 4 Biquad-2 Output to Ch1 Mixer and Ch2 Mixer coefficient
(default = 0)
U (31:28), ipmix4_12 (27:24), ipmix4_12 (23:16), ipmix4_12
(15:8), ipmix4_12 (7:0)
0x00, 0x00, 0x00, 0x00
0x4F
4
Ch4_bp_bq2
Ch 4 Biquad-2 By-pass coefficient (default = 0)
0U (31:28), ch4_bp_bq2 (27:24), ch4_bp_bq2 (23:16),
ch4_bp_bq2 (15:8), ch4_bp_bq2 (7:0)
0x00, 0x00, 0x00, 0x00
0x50
4
Ch4_bq2
Ch 4 Biquad-2 Inline coefficient (default = 1)
U (31:28), ch4_bq2 (27:24), ch4_bq2 (23:16), ch4_bq2 (15:8),
ch4_bq2 (7:0)
0x00, 0x80, 0x00, 0x00
6.17 Biquad Filters Register (0x51 – 0x88)
Table 6−18. Biquad Filters Registers Format (0x51 – 0x88)
I2C
SUBADDRESS
TOTAL
BYTES
REGISTER NAME
DESCRIPTION OF CONTENTS
DEFAULT
STATE
0x51–0x57
20/Reg.
Ch1_bq[1] – [7]
Ch 1 Biquads 1 – 7. See Table 6−19 for bit definition.
See Table 6−19
0x58–0x5E
20/Reg.
Ch2_bq[1] – [7]
Ch 2 Biquads 1 – 7. See Table 6−19 for bit definition.
See Table 6−19
0x7B–0x81
20/Reg.
Ch3_bq[1] − [7]
Ch 3 Biquads 1 – 7. See Table 6−19 for bit definition.
See Table 6−19
0x82–0x88
20/Reg.
Ch4_bq[1] − [7]
Ch 4 Biquads 1 – 7. See Table 6−19 for bit definition.
See Table 6−19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com