Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD835G2-70UT Datasheet(PDF) 72 Page - STMicroelectronics

Part # PSD835G2-70UT
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-70UT Datasheet(HTML) 72 Page - STMicroelectronics

Back Button PSD835G2-70UT Datasheet HTML 68Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 69Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 70Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 71Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 72Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 73Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 74Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 75Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 102 page
background image
PSD835G2
72/102
Other Power Saving Options
The PSD offers other reduced power saving op-
tions that are independent of the Power-down
mode. Except for the SRAM Standby and Chip Se-
lect Input (CSI, PD2) features, they are enabled by
setting bits in the PMMR0 and PMMR2 registers
(see Table 22., page 22 and Table 23., page 22
for a bit definition of the two registers).
PLD Power Management
The power and speed of the PLDs are controlled
by the Turbo Bit (Bit 3) in PMMR0. By setting the
bit to '1,' the Turbo mode is off and the PLDs con-
sume the specified standby current when the in-
puts are not switching for an extended time of
70ns. The propagation delay time is increased af-
ter the Turbo Bit is set to ’1’ (turned off) when the
inputs change at a composite frequency of less
than 15 MHz. When the Turbo Bit is reset to ’0’
(turned on), the PLDs run at full power and speed.
The Turbo Bit affects the PLD’s DC power, AC
power, and propagation delay. Refer to MAXI-
MUM RATING, page 81 for PLD timings.
Blocking MCU control signals with the bits of
PMMR2 can further reduce PLD AC power con-
sumption.
SRAM Standby Mode (Battery Backup). The
PSD supports a battery backup mode in which the
contents of the SRAM are retained in the event of
a power loss. The SRAM has a Voltage Standby
pin (VSTBY, PC2) that can be connected to an ex-
ternal battery. When VCC becomes lower than
VSTBY then the PSD automatically connects to
Voltage Stand-by (VSTBY, PC2) as a power source
to the SRAM. The SRAM Standby Current (ISTBY)
is typically 0.5µA. The SRAM data retention volt-
age is 2 V minimum. The Battery-on Indicator
(VBATON) can be routed to PE7. This signal indi-
cates when the VCC has dropped below VSTBY and
the SRAM is running on battery power.
PSD Chip Select Input (CSI, PD2)
PD2 of Port D can be configured in PSDsoft as the
PSD Chip Select Input (CSI). When Low, the sig-
nal selects and enables the internal (primary)
Flash memory, secondary Flash memory, SRAM,
and I/O blocks for READ or WRITE operations in-
volving the PSD. A High on PSD Chip Select Input
(CSI, PD2) disables the primary Flash memory,
secondary Flash memory, and SRAM, and reduc-
es the PSD power consumption. However, the
PLD and I/O signals remain operational when PSD
Chip Select Input (CSI, PD2) is High.
There may be a timing penalty when using PSD
Chip Select Input (CSI, PD2) depending on the
speed grade of the PSD that you are using. See
the timing parameter tSLQV in Table 64., page 93.
Input Clock
The PSD provides the option to turn off CLKIN
(PD1) to the PLD to save AC power consumption.
CLKIN (PD1) is an input to the PLD AND Array and
the Output Macrocells (OMC).
During Power-down mode, or, if CLKIN (PD1) is
not being used as part of the PLD logic equation,
the clock should be disabled to save AC power.
CLKIN (PD1) is disconnected from the PLD AND
Array or the Macrocells block by setting Bits 4 or 5
to a ’1’ in PMMR0.
Figure 32. Enable Power-down Flow Chart
Enable APD
Set PMMR0 Bit 1 = 1
PSD in Power
Down Mode
ALE/AS idle
for 15 CLKIN
clocks?
RESET
Yes
No
OPTIONAL
Disable desired inputs to PLD
by setting PMMR0 bits 4 and 5
and PMMR2 bit 0.
AI02892B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com