Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD835G2-70UT Datasheet(PDF) 27 Page - STMicroelectronics

Part # PSD835G2-70UT
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-70UT Datasheet(HTML) 27 Page - STMicroelectronics

Back Button PSD835G2-70UT Datasheet HTML 23Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 24Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 25Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 26Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 27Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 28Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 29Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 30Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 102 page
background image
27/102
PSD835G2
Table 28. Instructions
Note: 1. All bus cycles are WRITE bus cycles, except the ones with the “Read” label
2. All values are in hexadecimal:
X = Don’t Care.
RA = Address of the memory location to be read
RD = Data read from location RA during the READ cycle
PA = Address of the memory location to be programmed. Addresses are latched on the falling edge of Write Strobe (WR, CNTL0).
PA is an even address for PSD in word programming mode.
PD = Data to be programmed at location PA. Data is latched on the rising edge of Write Strobe (WR, CNTL0)
SA = Address of the sector to be erased or verified. The Sector Select pins (FS0-FS7 or CSBOOT0-CSBOOT3) of the sector or
whole memory to be erased, or verified, must be Active (High).
3. Sector Select (FS0-FS7 or CSBOOT0-CSBOOT3) signals are active High, and are defined in PSDsoft.
4. Only address Bits A11-A0 are used in instruction decoding. A15-A12 (or A16-A12) are don’t care.
5. No Unlock or instruction cycles are required when the device is in the READ mode
6. The Reset instruction is required to return to the READ mode after reading the Flash ID, or after reading the Sector Protection Sta-
tus, or if the Error Flag Bit (DQ5/DQ13) goes High.
7. Additional sectors to be erased must be written at the end of the Sector Erase instruction within 80µs.
8. The data is 00h for an unprotected sector, and 01h for a protected sector. In the fourth cycle, the Sector Select is active, and
(A1,A0)=(1,0)
9. The Unlock Bypass instruction is required prior to the Unlock Bypass Program instruction.
10. The Unlock Bypass Reset Flash instruction is required to return to reading memory data when the device is in the Unlock Bypass
mode.
11. The system may perform READ and Program cycles in non-erasing sectors, read the Flash ID or read the Sector Protection Status
when in the Suspend Sector Erase mode. The Suspend Sector Erase instruction is valid only during a Sector Erase cycle.
12. The Resume Sector Erase instruction is valid only during the Suspend Sector Erase mode.
13. The MCU cannot invoke these instructions while executing code from the same Flash memory as that for which the instruction is
intended. The MCU must fetch, for example, the code from the secondary Flash memory when reading the Sector Protection Status
of the primary Flash memory.
Instruction
FS0-FS7 or
CSBOOT0-
CSBOOT3
Cycle 1
Cycle 2
Cycle 3
Cycle 4
Cycle 5
Cycle 6
Cycle 7
Read(5)
1
“Read” RA
@ RD
Read Primary
Flash ID(6,13)
1
AAh@ 555h
55h@
AAAh
90h@
555h
Read identifier
@X01h
Read Sector
Protection(6,8,13)
1
AAh@ 555h
55h@
AAAh
90h@
555h
Read identifier
00h or 01h
@X02h
Program a Flash
Byte(13)
1
AAh@ 555h
55h@
AAAh
A0h@
555h
PD@ PA
Flash Sector
Erase(7)
1
AAh@ 555h
55h@
AAAh
80h@
555h
AAh@ 555h
55h@
AAAh
30h@
SA
30h(7)@
next SA
Flash Bulk Erase
1
AAh@ 555h
55h@
AAAh
80h@
555h
AAh@ 555h
55h@
AAAh
10h@
555h
Suspend Sector
Erase(11)
1
B0h@
XXXh
Resume Sector
Erase(12)
1
30h@ XXXh
Reset(6)
1
F0h@
any address
Unlock Bypass
1
AAh@ 555h
55h@
AAAh
20h@
555h
Unlock Bypass
Program(9)
1
A0h@
XXXh
PD@ PA
Unlock Bypass
Reset(10)
1
90h@ XXXh
00h@
XXXh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com