Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD835G2-70UT Datasheet(PDF) 18 Page - STMicroelectronics

Part # PSD835G2-70UT
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-70UT Datasheet(HTML) 18 Page - STMicroelectronics

Back Button PSD835G2-70UT Datasheet HTML 14Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 15Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 16Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 17Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 18Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 19Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 20Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 21Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 102 page
background image
PSD835G2
18/102
DEVELOPMENT SYSTEM
The PSD family is supported by PSDsoft, a Win-
dows-based (95, 98, NT) software development
tool. A PSD design is quickly and easily produced
in a point-and-click environment. The designer
does not need to enter Hardware Description Lan-
guage (HDL) equations, unless desired, to define
PSD pin functions and memory map information.
The general design flow is shown in Figure 4. PS-
Dsoft is available from our web site (the address is
given on the back page of this data sheet) or other
distribution channels.
PSDsoft directly supports two low cost device pro-
grammers form ST: PSDpro and FlashLINK
(JTAG). Both of these programmers may be pur-
chased through your local distributor/representa-
tive, or directly from our web site using a credit
card. The PSD is also supported by third party de-
vice programmers. See our web site for the current
list.
Figure 4. PSDsoft Development Tool
Define PSD Pin and
Node Functions
ST PSD Programmer
*.OBJ FILE
Automatically Configures MCU
Point-and-click definition of PSD
pin functions, internal nodes and
MCU system memory map
PSDPro, or
FlashLINK (JTAG)
Choose MCU and PSD
bus interface and other PSD
attributes.
C Code Generation
GENERATE C CODE
SPECIFIC TO PSD
FUNCTIONS
USER'S CHOICE OF
MICROCONTROLLER
COMPILER/LINKER
*.OBJ
FILE AVAILABLE
FOR 3rd PARTY
PROGRAMMERS
(CONVENTIONAL or
JTAG/ISP)
MCU FIRMWARE
HEX OR S-RECORD
FORMAT
AI04918b
Define General Purpose
Logic in CPLD
Point-and-click definition of
combinatorial and registered
logic in CPLD. Access to HDL is
available if needed.
Merge MCU Firmware
with PSD Configuration
A composite object file is created
containing MCU firmware and
PSD configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com