Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD835G2-70UT Datasheet(PDF) 43 Page - STMicroelectronics

Part # PSD835G2-70UT
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-70UT Datasheet(HTML) 43 Page - STMicroelectronics

Back Button PSD835G2-70UT Datasheet HTML 39Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 40Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 41Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 42Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 43Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 44Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 45Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 46Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 102 page
background image
43/102
PSD835G2
Output Macrocell (OMC)
Eight of the Output Macrocells (OMC) are con-
nected to Port A pins and are named as McellA0-
McellA7. The other eight macrocells are connect-
ed to Port B pins and are named as McellB0-
McellB7.
The Output Macrocell (OMC) architecture is
shown in Figure 16., page 45. As shown in the fig-
ure, there are native product terms available from
the AND Array, and borrowed product terms avail-
able (if unused) from other Output Macrocells
(OMC). The polarity of the product term is con-
trolled by the XOR gate. The Output Macrocell
(OMC) can implement either sequential logic, us-
ing the flip-flop element, or combinatorial logic.
The multiplexer selects between the sequential or
combinatorial logic outputs. The multiplexer output
can drive a port pin and has a feedback path to the
AND Array inputs.
The flip-flop in the Output Macrocell (OMC) block
can be configured as a D, T, JK, or SR type in the
PSDsoft program. The flip-flop’s clock, preset, and
clear inputs may be driven from a product term of
the AND Array. Alternatively, CLKIN (PD1) can be
used for the clock input to the flip-flop. The flip-flop
is clocked to the rising edge of CLKIN (PD1). The
preset and clear are active High inputs. Each clear
input can use up to two product terms.
Table 31. Output Macrocell Port and Data Bit Assignments
Output
Macrocell
Port
Assignment
Native Product Terms
Maximum Borrowed
Product Terms
Data Bit for Loading or
Reading
McellA0
Port A0
3
6
D0
McellA1
Port A1
3
6
D1
McellA2
Port A2
3
6
D2
McellA3
Port A3
3
6
D3
McellA4
Port A4
3
6
D4
McellA5
Port A5
3
6
D5
McellA6
Port A6
3
6
D6
McellA7
Port A7
3
6
D7
McellB0
Port B0
4
5
D0
McellB1
Port B1
4
5
D1
McellB2
Port B2
4
5
D2
McellB3
Port B3
4
5
D3
McellB4
Port B4
4
6
D4
McellB5
Port B5
4
6
D5
McellB6
Port B6
4
6
D6
McellB7
Port B7
4
6
D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com