Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLK2218ZPV Datasheet(PDF) 6 Page - Texas Instruments

Part # TLK2218ZPV
Description  8-PORT GIGABIT ETHERNET TRANSCEIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2218ZPV Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLK2218ZPV Datasheet HTML 2Page - Texas Instruments TLK2218ZPV Datasheet HTML 3Page - Texas Instruments TLK2218ZPV Datasheet HTML 4Page - Texas Instruments TLK2218ZPV Datasheet HTML 5Page - Texas Instruments TLK2218ZPV Datasheet HTML 6Page - Texas Instruments TLK2218ZPV Datasheet HTML 7Page - Texas Instruments TLK2218ZPV Datasheet HTML 8Page - Texas Instruments TLK2218ZPV Datasheet HTML 9Page - Texas Instruments TLK2218ZPV Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
www.ti.com
TLK2218
SLLS734 – FEBRUARY 2007
SIGNAL
LOCATION
TYPE
DESCRIPTION
TDDC8
A3
LVCMOS
Transmit data, K-generator channels C and D. In multiplexed channel mode, when CODE
input
= low, this terminal is the 9th bit of a 10-bit word to be transmitted. When CODE = high, this
terminal acts as the K-character indicator. When TDDC8 = high, the data on TDDC[7:0] is
encoded into a K-character.
In nibble interface mode, when CODE = low, this terminal is the 4th and 9th bits of a 10-bit
word to be transmitted on channel D. When CODE = high, this terminal acts as the
K-character indicator for channel D.
In independent channel mode, the transmit clock that latches this input is TCLKD. In all
other modes the transmit clock is TCLKB.
TDDC9
B3
LVCMOS
Transmit data channels C and D. When CODE = low, this terminal is the 10th bit of a 10-bit
input with
word. When CODE = high, this terminal should be left floating or tied low to ground.
P/D
In independent channel mode, the transmit clock that latches this input is TCLKD. In all
other modes, the transmit clock is TCLKB.
TDFE[7:0]
B7, A7, B6,
LVCMOS
Transmit data channels E and F. The parallel data is clocked into the transceiver on the
A6, B5, A5,
input
rising and falling edges of the transmit clock and transmitted as a serial stream with bit 0
B4, A4
sent as the first bit.
In independent channel mode, the transmit clock that latches this input is TCLKF. In all
other modes, the transmit clock is TCLKB.
In multiplexed channel mode, data for channel F is aligned to the rising edge of the
transmit clock and data for channel E is aligned to its falling edge.
In nibble interface mode, data is input least-significant nibble first, aligned to the falling
edge of the transmit clock, followed by the most-significant nibble aligned to the rising edge
of the transmit clock. Channel E data is input on TDFE[4:0] and channel F on TDFE[9:5].
When CODE = high, TDDC3 acts as the K-character indicator for channel E.
TDFE8
A8
LVCMOS
Transmit data, K-generator channels E and F. In multiplexed channel mode, when CODE =
input
low, this terminal is the 9th bit of a 10-bit word to be transmitted. When CODE = high, this
terminal acts as the K-character indicator. When TDFE8 = high, the data on TDFE[7:0] is
encoded into a K-character.
In nibble interface mode, when CODE = low, this terminal is the 4th and 9th bits of a 10-bit
word to be transmitted on channel F. When CODE = high, this terminal acts as the
K-character indicator for channel F.
In independent channel mode, the transmit clock that latches this input is TCLKF. In all
other modes the transmit clock is TCLKB.
TDFE9
B8
LVCMOS
Transmit data channels E and F. When CODE = low, this terminal is the 10th bit of a 10-bit
input with
word. When CODE = high, this terminal should be left floating or tied low to ground.
P/D
In independent channel mode, the transmit clock that latches this input is TCLKF. In all
other modes, the transmit clock is TCLKB.
TDHG[7:0]
B12, A12, B11,
LVCMOS
Transmit data channels G and H. The parallel data is clocked into the transceiver on the
A11, B10, A10,
input
rising and falling edges of the transmit clock and transmitted as a serial stream with bit 0
B9, A9
sent as the first bit.
In independent channel mode, the transmit clock that latches this input is TCLKD. In all
other modes, the transmit clock is TCLKB.
In multiplexed channel mode, data for channel H is aligned to the rising edge of the
transmit clock and data for channel G is aligned to its falling edge.
In nibble interface mode, data is input least-significant nibble first, aligned to the falling
edge of the transmit clock, followed by the most-significant nibble aligned to the rising edge
of the transmit clock. Channel G data is input on TDHG[4:0] and channel F on TDHG[9:5].
When CODE = high, TDHG3 acts as the K-character indicator for channel G.
TDHG8
A13
LVCMOS
Transmit data, K-generator channels G and H. In multiplexed channel mode, when CODE
input
= low, this terminal is the 9th bit of a 10-bit word to be transmitted. When CODE = high, this
terminal acts as the K-character indicator. When TDHG8 = high, the data on TDHG[7:0] is
encoded into a K-character.
In nibble interface mode, when CODE = low, this terminal is the 4th and 9th bits of a 10-bit
word to be transmitted on channel H. When CODE = high, this terminal acts as the
K-character indicator for channel H.
In independent channel mode, the transmit clock that latches this input is TCLKH. In all
other modes, the transmit clock is TCLKB.
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com