Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P5DF081UA/T1AR1070 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # P5DF081UA/T1AR1070
Description  MIFARE secure access module SAM AV2
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5DF081UA/T1AR1070 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button P5DF081UA/T1AR1070 Datasheet HTML 9Page - NXP Semiconductors P5DF081UA/T1AR1070 Datasheet HTML 10Page - NXP Semiconductors P5DF081UA/T1AR1070 Datasheet HTML 11Page - NXP Semiconductors P5DF081UA/T1AR1070 Datasheet HTML 12Page - NXP Semiconductors P5DF081UA/T1AR1070 Datasheet HTML 13Page - NXP Semiconductors P5DF081UA/T1AR1070 Datasheet HTML 14Page - NXP Semiconductors P5DF081UA/T1AR1070 Datasheet HTML 15Page - NXP Semiconductors P5DF081UA/T1AR1070 Datasheet HTML 16Page - NXP Semiconductors P5DF081UA/T1AR1070 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
NXP Semiconductors
P5DF081_SDS
MIFARE secure access module SAM AV2
Hashing algorithms (MIFARE SAM AV2 only)
MIFARE SAM AV2 supports SHA-1, SHA-224 and SHA-256 for hashing according to [3]. These hashing
algorithms are available in AV2 mode via the PKI_GenerateHash command.
8.4.2 Key diversification
MIFARE SAM AV2 provides several key diversification methods. In both AV1 compatibility mode and in
MIFARE SAM AV2 mode, the MIFARE SAM AV1 key diversification methods and new MIFARE SAM AV2
key diversification methods are available; however for AV2 only commands (i.e. MFP commands and the
ULC_AuthenticatePICC) only the new MIFARE SAM AV2 diversification methods are available.
8.4.3 Key Storage (MIFARE SAM AV1 compatibility mode)
MIFARE SAM AV2 in AV1 compatibility mode can only store symmetric keys.
MIFARE SAM AV2 can store up to 128 symmetric keys in up to 3 versions (only 2 versions possible for 3TDEA
keys and AES-192 keys).
8.4.3.1 Symmetric keys
The MIFARE SAM AV2 uses a Key Storage Table (KST) in order to store and manage keys and attributes
related to keys.
The KST holds 128 entries. Every entry contains positions to store three DES, three 2TDEA, two 3TDEA, three
AES128, two AES192 or six MIFARE keys plus their attributes.
Every key entry is referred to by its index, the KeyNo.
Key reference number
KeyNo is the index of the entry in the KST and can have the value 00h to 7Fh.
Key reference number of change entry key
The 1-byte field holds the KeyNo that is necessary for authentication to run a SAM_ChangeKeyEntry command.
The value FEh disables the need for authentication for key load.
The value FFh irreversibly locks the entire key entry.
Key version of change entry key
The 1-byte field holds the key version within the key entry specified for the change entry key. The key version
has to be in the range of 00h to FFh.
Reference number of key usage counter
The 1-byte field holds the reference number of the key usage counter entry which is automatically incremented
each time this key entry is used for authentication, see Section 8.4.6.
8.4.4 Key Storage (MIFARE SAM AV2 mode)
MIFARE SAM AV2 in MIFARE SAM AV2 mode can store both symmetric and asymmetric keys.
P5DF081_SDS
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product short data sheet
Rev. 3.3 — 13 September 2023
13 / 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com