Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P5DF081UA/T1AR1070 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # P5DF081UA/T1AR1070
Description  MIFARE secure access module SAM AV2
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5DF081UA/T1AR1070 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button P5DF081UA/T1AR1070 Datasheet HTML 17Page - NXP Semiconductors P5DF081UA/T1AR1070 Datasheet HTML 18Page - NXP Semiconductors P5DF081UA/T1AR1070 Datasheet HTML 19Page - NXP Semiconductors P5DF081UA/T1AR1070 Datasheet HTML 20Page - NXP Semiconductors P5DF081UA/T1AR1070 Datasheet HTML 21Page - NXP Semiconductors P5DF081UA/T1AR1070 Datasheet HTML 22Page - NXP Semiconductors P5DF081UA/T1AR1070 Datasheet HTML 23Page - NXP Semiconductors P5DF081UA/T1AR1070 Datasheet HTML 24Page - NXP Semiconductors P5DF081UA/T1AR1070 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
NXP Semiconductors
P5DF081_SDS
MIFARE secure access module SAM AV2
8.6.4 Public Key Infrastructure (PKI) commands
PKI commands are available to generate public key pairs, to import public keys or key pairs, to export public
keys or key pairs, to generate and to validate signatures, to compute hashes suitable for signature operations
and to manage the symmetric Key Storage Table.
PKI commands are only available in AV2 mode.
Command
Description
PKI_GenerateKeyPair
The PKI command PKI_GenerateKeyPair creates a pair of a public and a private key. MIFARE
SAM AV2 only supports the CRT format. A successful host authentication in the LC using
SAM_AuthenticateHost with a Host Key is required to execute the PKI_GenerateKeyPair
command.
PKI_ImportKey
The PKI command PKI_ImportKey imports an RSA key. This can be either a public key or a full
key pair (including a private key). When a change key (see [1]) is specified, a successful host
authentication in the LC using SAM_AuthenticateHost with a Host Key is required to execute
the PKI_ImportKey command.
PKI_ExportPrivateKey
The PKI command PKI_ExportPrivateKey exports a full RSA key entry (i.e including the private
key if present). The key pair is exported in CRT format.
This command is intended for private key backup after having it created with MIFARE SAM
AV2. For this reason, this command will only be accepted if the key entry includes a private
key and private key export is allowed by the PKI SET configuration of the addressed key. The
command is part of the restricted command set and requires protection with a Host Key change
key.
PKI_ExportPublicKey
The PKI command PKI_ExportPublicKey exports the public key part of a RSA key pair.
The command is part of the general command set, so its protection depends on the general
SAM-Host communication protection.
PKI_UpdateKeyEntries
The PKI_UpdateKeyEntries command can be used to change key entries of the symmetric
key storage (KST). Executing this command does not require any protection coming from the
change key of the key entries (e.g. a Host Authentication in case of a Host Key). Instead the
command's execution is protected by asymmetric techniques using the PKI support of the
SAM.
The command is protected by encrypting the key entries using the RSA encryption. On top a
digital signature is added using the RSA signature algorithm. This allows offline preparation of
the cryptogram. The same hashing algorithm is to be used for both MGFs and for the digital
signature handling (as indicated by the P1 byte).
PKI_GenerateHash
The PKI command PKI_GererateHash computes the hash on a data string. The algorithm to be
used to compute the hash is selected through P1.
PKI_GenerateSignature
The PKI command PKI_GenerateSignature generates a signature on a hash given as input
using one of the two private keys stored in the PKI Key Storage Table.
PKI_SendSignature
The PKI command PKI_SendSignature returns a pre-computed signature. The returned
signature is protected according to the SAM-Host protection in place on the corresponding
logical channel.
PKI_VerifySignature
The PKI command PKI_VerifySignature verifies the correctness of a signature.
Table 10. Public Key Infrastructure (PKI) commands
8.6.5 MIFARE Plus in non-X-mode commands
This section describes the SAM commands that can be used to prepare MIFARE Plus commands. The SAM
maintains the MIFARE Plus state (e.g. the read and write counters).
P5DF081_SDS
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product short data sheet
Rev. 3.3 — 13 September 2023
21 / 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com