Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P5DF081UA/T1AR1070 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P5DF081UA/T1AR1070
Description  MIFARE secure access module SAM AV2
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5DF081UA/T1AR1070 Datasheet(HTML) 2 Page - NXP Semiconductors

  P5DF081UA/T1AR1070 Datasheet HTML 1Page - NXP Semiconductors P5DF081UA/T1AR1070 Datasheet HTML 2Page - NXP Semiconductors P5DF081UA/T1AR1070 Datasheet HTML 3Page - NXP Semiconductors P5DF081UA/T1AR1070 Datasheet HTML 4Page - NXP Semiconductors P5DF081UA/T1AR1070 Datasheet HTML 5Page - NXP Semiconductors P5DF081UA/T1AR1070 Datasheet HTML 6Page - NXP Semiconductors P5DF081UA/T1AR1070 Datasheet HTML 7Page - NXP Semiconductors P5DF081UA/T1AR1070 Datasheet HTML 8Page - NXP Semiconductors P5DF081UA/T1AR1070 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
NXP Semiconductors
P5DF081_SDS
MIFARE secure access module SAM AV2
2 Features and benefits
2.1 Cryptography
• Supports MIFARE Crypto1, TDEA (Triple DES encryption algorithm), RSA and AES cryptography
• Supports MIFARE Ultralight, MIFARE Ultralight C, MIFARE 1K, MIFARE 4K, MIFARE Plus, MIFARE DESFire,
MIFARE DESFire EV1
• Secure storage and updating of keys (key usage counters)
• 128 key entries for symmetric cryptography and 3 RSA key entries for asymmetric cryptography
• TDEA and AES based key diversification
• Offline cryptography
2.2 Communication
• Up to four logical channels; simultaneous multiple card support
• Support for DESFire and MIFARE Plus authentication (with related secure messaging and session key
generation)
• Secure Host to SAM and back end to SAM communication with symmetric cryptography 3 pass authentication
for confidentiality and integrity
• Support high speed baud rates up to 1.5 Mbit/s
• Secure Host to SAM and back end to SAM communication with RSA based cryptography
• Support ISO/IEC 7816 baud rates
• True random number generator (TRNG)
2.3 Delivery types
• Available in wafer, PCM 1.1 module, or HVQFN package
P5DF081_SDS
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product short data sheet
Rev. 3.3 — 13 September 2023
2 / 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com