Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS7030B Datasheet(PDF) 100 Page - ams AG

Part # AS7030B
Description  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7030B Datasheet(HTML) 100 Page - ams AG

Back Button AS7030B Datasheet HTML 96Page - ams AG AS7030B Datasheet HTML 97Page - ams AG AS7030B Datasheet HTML 98Page - ams AG AS7030B Datasheet HTML 99Page - ams AG AS7030B Datasheet HTML 100Page - ams AG AS7030B Datasheet HTML 101Page - ams AG AS7030B Datasheet HTML 102Page - ams AG AS7030B Datasheet HTML 103Page - ams AG AS7030B Datasheet HTML 104Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 129 page
background image
Document Feedback
AS7030B
Functional Description
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 99
Figure 129:
ADC Internal Circuit and Multiplexer
For best accuracy, the ADC can be optionally calibrated.
Information
If GPIO2 or GPIO3 is used as ADC input, there is no anti-aliasing filter in front of the ADC (needs to
be added externally).
7.1.20
ADC Threshold
At the output of the ADC converter a digital threshold can be enabled. If the output of the ADC
exceeds the threshold adc_threshold, it triggers an interrupt. This mechanism can be used to identify if
an object is in proximity of the sensor and then to interrupt the host. In cases where no object is
detected, the host can be sleeping therefore reducing power consumption of the system.
ADC
Vref=1.6V
AGND
V_LDO
Electrical
Frontend
TIA
GPIOs
vtemp
adc_channel_mask_temp
ADC_DATAH/L
FiFo
64x16 bit
entries
OFE
adc_channel_mask_tia
adc_channel_mask_ofe1/
sd1/ofe2/sd2
adc_channel_mask_afe
adc_channel_mask_ecgo
adc_channel_mask_ecgi
from ECG
Start from top and cycle through channels where
adc_channel_mask_...=1 (first channel selected seq_start 0->1)
ECG_
REF
4
Pre-
Filter
adc_channel_mask_pregain
adc_channel_mask_gpio3
adc_channel_mask_gpio2
GPIO3
GPIO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com