Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS7030B Datasheet(PDF) 51 Page - ams AG

Part # AS7030B
Description  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7030B Datasheet(HTML) 51 Page - ams AG

Back Button AS7030B Datasheet HTML 47Page - ams AG AS7030B Datasheet HTML 48Page - ams AG AS7030B Datasheet HTML 49Page - ams AG AS7030B Datasheet HTML 50Page - ams AG AS7030B Datasheet HTML 51Page - ams AG AS7030B Datasheet HTML 52Page - ams AG AS7030B Datasheet HTML 53Page - ams AG AS7030B Datasheet HTML 54Page - ams AG AS7030B Datasheet HTML 55Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 129 page
background image
Document Feedback
AS7030B
Functional Description
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 50
7.1.11
Sequencer Registers
SEQ_CNT Register (Address 0x30)
Figure 42:
SEQ_CNT Register
Addr: 0x30
SEQ_CNT
Bit
Bit Name
Default
Access
Bit Description
7:0
seq_count
0
RW
Number of measurements in one sequence.
If seq_count = 0x0 the sequencer is running
continuously if started by seq_start=1 or
seq_start_sync=1.
This register is reset by disabling/enabling of
seq_start=0 (but not by osc_off=1)
SEQ_DIV Register (Address 0x31)
Figure 43:
SEQ_DIV Register
Addr: 0x31
SEQ_DIV
Bit
Bit Name
Default
Access
Bit Description
7:0
seq_div
0
RW
Divider value
Sequencer time increment tclk = ( seq_div + 1 ) *
1 µs
The SEQ_DIV register sets the input divider for the main clock.
SEQ_START (Address 0x32)
Figure 44:
SEQ_START Register
Addr: 0x32
SEQ_START
Bit
Bit Name
Default
Access
Bit Description
7:3
Not used
0
R_PUSH
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com