Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS7030B Datasheet(PDF) 14 Page - ams AG

Part # AS7030B
Description  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7030B Datasheet(HTML) 14 Page - ams AG

Back Button AS7030B Datasheet HTML 10Page - ams AG AS7030B Datasheet HTML 11Page - ams AG AS7030B Datasheet HTML 12Page - ams AG AS7030B Datasheet HTML 13Page - ams AG AS7030B Datasheet HTML 14Page - ams AG AS7030B Datasheet HTML 15Page - ams AG AS7030B Datasheet HTML 16Page - ams AG AS7030B Datasheet HTML 17Page - ams AG AS7030B Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 129 page
background image
Document Feedback
AS7030B
Electrical Characteristics
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 13
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VNOISE_ECG
Input referred
noise
Gain=192 V/V, short
circuited inputs, sample
rate = 1000 sps, BW
0.33 Hz÷100 Hz. Filtered
1.64
μVrms
LED
ILED
Allowed
operating
LED current
range
0
50
mA
1/10 duty cycle @ 1 kHz
(csx_boost = 0)
100
mA
1/10 duty cycle @ 1 kHz
external LED
(csx_boost = 1)
200
mA
VFLED
Forward
voltage
Green LED, add
compliance voltage of
LED driver, ILED=10 mA,
add compliance voltage
of LED driver (V_Dmin) to
obtain minimum voltage
on the pin to drive the
current at TAMB=25 ºC
3.1
3.3
V
IR LED, ILED=20 mA
1.4
V
λp
Peak
wavelength at
ILED=20 mA
Green LED
527
nm
IR LED
940
LED Driver
ILED1/2/3/4
LED output
current range
LED current is adjustable
with 10 bits
– registers
curr1/2/3/4 csx_boost = 0
0
100
mA
LED current is adjustable
with 10 bits
– registers
curr1/2/3/4 csx_boost = 1
200
Tolerance
At 35 mA output current
(currX[9:0]=166 h,
X=1…4), VDD<5.0 V
-7
7
%
V_Dmin
Min output
voltage
compliance
csx_boost = 0
0.3
V
csx_boost = 1
0.7
V_Dmax
Max output
voltage
compliance
5.5
V
Photodiode
Area
Photodiode
area
2.5
mm2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com