Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC1050/TANDR Datasheet(PDF) 32 Page - Texas Instruments

Part # CC1050/TANDR
Description  Single Chip Very Low Power RF Transmitter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1050/TANDR Datasheet(HTML) 32 Page - Texas Instruments

Back Button CC1050/TANDR Datasheet HTML 28Page - Texas Instruments CC1050/TANDR Datasheet HTML 29Page - Texas Instruments CC1050/TANDR Datasheet HTML 30Page - Texas Instruments CC1050/TANDR Datasheet HTML 31Page - Texas Instruments CC1050/TANDR Datasheet HTML 32Page - Texas Instruments CC1050/TANDR Datasheet HTML 33Page - Texas Instruments CC1050/TANDR Datasheet HTML 34Page - Texas Instruments CC1050/TANDR Datasheet HTML 35Page - Texas Instruments CC1050/TANDR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
CC1050
SWRS044
Page 32 of 40
CURRENT Register (09h)
REGISTER
NAME
Default
value
Active
Description
CURRENT[7:4]
VCO_CURRENT[3:0]
1100
-
Control of current in VCO core
0000 : 160
µA
0001 : 320
µA
0010 : 480
µA
0011 : 630
µA
0100 : 790
µA
0101 : 950
µA
0110 : 1100
µA
0111 : 1250
µA
1000 : 1560
µA, use for f< 500 MHz
1001 : 1720
µA
1010 : 1870
µA
1011 : 2030
µA
1100 : 2180
µA
1101 : 2340
µA
1110 : 2490
µA
1111 : 2640
µA, use for f>500 MHz
CURRENT[3:2]
-
-
Not used
CURRENT[1:0]
PA_DRIVE[1:0]
10
Control of current in VCO buffer for PA
00 : 1mA
01 : 2mA, use for TX, f<500 MHz
10 : 3mA
11 : 4mA, use for TX, f>500 MHz
XOSC Register (0Ah)
REGISTER
NAME
Default
value
Active
Description
XOSC[7:1]
-
-
-
Not used
XOSC[0]
XOSC_BYPASS
0
-
0 : Internal XOSC enabled
1 : Power-Down of XOSC, external CLK used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com