Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC1050/TANDR Datasheet(PDF) 25 Page - Texas Instruments

Part # CC1050/TANDR
Description  Single Chip Very Low Power RF Transmitter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1050/TANDR Datasheet(HTML) 25 Page - Texas Instruments

Back Button CC1050/TANDR Datasheet HTML 21Page - Texas Instruments CC1050/TANDR Datasheet HTML 22Page - Texas Instruments CC1050/TANDR Datasheet HTML 23Page - Texas Instruments CC1050/TANDR Datasheet HTML 24Page - Texas Instruments CC1050/TANDR Datasheet HTML 25Page - Texas Instruments CC1050/TANDR Datasheet HTML 26Page - Texas Instruments CC1050/TANDR Datasheet HTML 27Page - Texas Instruments CC1050/TANDR Datasheet HTML 28Page - Texas Instruments CC1050/TANDR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
CC1050
SWRS044
Page 25 of 40
Output power programming
The RF output power is programmable
and controlled by the PA_POW register.
Table 3 shows the closest programmable
value for output powers in steps of 1 dB.
The typical current consumption is also
shown.
In power down mode the PA_POW should
be set to 00h for minimum leakage
current.
RF frequency 433 MHz
RF frequency 868 MHz
Output power
[dBm]
PA_POW
[hex]
Current consumption,
typ. [mA]
PA_POW
[hex]
Current consumption,
typ. [mA]
-20
01
5.5
02
8.0
-19
01
5.5
02
8.0
-18
01
5.5
02
8.0
-17
02
5.7
03
8.3
-16
02
5.7
03
8.3
-15
02
5.7
04
8.5
-14
02
5.7
04
8.5
-13
03
6.0
05
8.7
-12
03
6.0
05
8.7
-11
04
6.2
06
8.9
-10
04
6.2
06
8.9
-9
05
6.5
07
9.1
-8
05
6.5
08
9.4
-7
06
6.8
09
9.6
-6
07
7.0
0A
9.8
-5
08
7.3
0B
10.0
-4
09
7.5
0D
10.4
-3
0A
7.8
0E
10.6
-2
0C
8.3
0F
10.9
-1
0D
8.5
40
13.4
0
0F
9.1
50
14.2
1
40
10.5
60
15.0
2
50
11.5
70
15.7
3
50
11.5
80
16.3
4
60
12.4
90
17.0
5
70
13.3
A0
17.7
6
80
14.7
C0
19.1
7
90
15.1
E0
20.0
8
A0
15.9
FF
24.9
9
C0
17.6
10
E0
19.2
11
F0
20.0
12
FF
23.3
Table 3. Output power settings and typical current consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com