Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC1050/TANDR Datasheet(PDF) 20 Page - Texas Instruments

Part # CC1050/TANDR
Description  Single Chip Very Low Power RF Transmitter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1050/TANDR Datasheet(HTML) 20 Page - Texas Instruments

Back Button CC1050/TANDR Datasheet HTML 16Page - Texas Instruments CC1050/TANDR Datasheet HTML 17Page - Texas Instruments CC1050/TANDR Datasheet HTML 18Page - Texas Instruments CC1050/TANDR Datasheet HTML 19Page - Texas Instruments CC1050/TANDR Datasheet HTML 20Page - Texas Instruments CC1050/TANDR Datasheet HTML 21Page - Texas Instruments CC1050/TANDR Datasheet HTML 22Page - Texas Instruments CC1050/TANDR Datasheet HTML 23Page - Texas Instruments CC1050/TANDR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
CC1050
SWRS044
Page 20 of 40
Write CAL:
CAL_START=0
End of calibration
Wait for maximum 26 ms, or
Read CAL and wait until
CAL_COMPLETE=1
Start dual calibration
Either frequency register A or B is selected
Write MAIN:
F_REG = 0
TX_PD = 0; FS_PD = 0
CORE_PD = 0; BIAS_PD = 0; RESET_N=1
Write FREQ_A, FREQ_B
If DR>=38kBd then {write TEST4: L2KIO=3Fh,
PRESCALER = 04h}
Write CAL: CAL_DUAL = 1
Frequency registers A and B are both used
Write CAL:
CAL_START=1
The result of the calibration is stored for
Both frequency FREQ_A and FREQ_B, and
can be read from the status registers TEST0
and TEST2
Write CURRENT:
VCO_CURRENT = Current
Write PA_POW = 00h
‘Current’ is the VCO current to be
used for both frequencies
Calibration time depend on the reference
frequency, see text.
Write CAL:
CAL_START=0
End of calibration
Wait for maximum 26 ms, or
Read CAL and wait until
CAL_COMPLETE=1
Start dual calibration
Either frequency register A or B is selected
Write MAIN:
F_REG = 0
TX_PD = 0; FS_PD = 0
CORE_PD = 0; BIAS_PD = 0; RESET_N=1
Write FREQ_A, FREQ_B
If DR>=38kBd then {write TEST4: L2KIO=3Fh,
PRESCALER = 04h}
Write CAL: CAL_DUAL = 1
Frequency registers A and B are both used
Write CAL:
CAL_START=1
The result of the calibration is stored for
Both frequency FREQ_A and FREQ_B, and
can be read from the status registers TEST0
and TEST2
Write CURRENT:
VCO_CURRENT = Current
Write PA_POW = 00h
‘Current’ is the VCO current to be
used for both frequencies
Calibration time depend on the reference
frequency, see text.
Figure 12. Dual calibration algorithm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com