Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC1050/TANDR Datasheet(PDF) 23 Page - Texas Instruments

Part # CC1050/TANDR
Description  Single Chip Very Low Power RF Transmitter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1050/TANDR Datasheet(HTML) 23 Page - Texas Instruments

Back Button CC1050/TANDR Datasheet HTML 19Page - Texas Instruments CC1050/TANDR Datasheet HTML 20Page - Texas Instruments CC1050/TANDR Datasheet HTML 21Page - Texas Instruments CC1050/TANDR Datasheet HTML 22Page - Texas Instruments CC1050/TANDR Datasheet HTML 23Page - Texas Instruments CC1050/TANDR Datasheet HTML 24Page - Texas Instruments CC1050/TANDR Datasheet HTML 25Page - Texas Instruments CC1050/TANDR Datasheet HTML 26Page - Texas Instruments CC1050/TANDR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
CC1050
SWRS044
Page 23 of 40
Turn on crystal oscillator core
MAIN: CORE_PD = 0
Wait 2 ms*
Turn on bias generator
BIAS_PD = 0
Wait 200
µs
Power Down
*Time to wait depends on the crystal frequency
and the load capacitance
Turn on TX:
PA_POW = 00h
MAIN: F_REG = 1
FS_PD = 0
Wait 250
µs
TX mode
Turn off TX:
PA_POW = 00h
MAIN: TX_PD = 1, FS_PD = 1,
CORE_PD=1, BIAS_PD=1
Power Down
TX_PD = 0
PA_POW = ‘Output power’
Wait 20
µs
Waiting for the PLL to lock
Waiting for the PA to ramp up
Turn on crystal oscillator core
MAIN: CORE_PD = 0
Wait 2 ms*
Turn on bias generator
BIAS_PD = 0
Wait 200
µs
Power Down
*Time to wait depends on the crystal frequency
and the load capacitance
Turn on TX:
PA_POW = 00h
MAIN: F_REG = 1
FS_PD = 0
Wait 250
µs
TX mode
Turn off TX:
PA_POW = 00h
MAIN: TX_PD = 1, FS_PD = 1,
CORE_PD=1, BIAS_PD=1
Power Down
TX_PD = 0
PA_POW = ‘Output power’
Wait 20
µs
Waiting for the PLL to lock
Waiting for the PA to ramp up
Figure 14. Sequence for activating TX mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com