Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT80C51RB2-SLSIM Datasheet(PDF) 62 Page - ATMEL Corporation

Part # AT80C51RB2-SLSIM
Description  80C51 High Performance ROM 8-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RB2-SLSIM Datasheet(HTML) 62 Page - ATMEL Corporation

Back Button AT80C51RB2-SLSIM Datasheet HTML 58Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 59Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 60Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 61Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 62Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 63Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 64Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 65Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 66Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 83 page
background image
63
AT80C51RD2/AT83C51Rx2
4113B–8051–03/05
ROM
ROM Structure
The T89C51RB2/RC2 ROM memory is divided in two different arrays:
•
The code array:16/32K bytes.
•
The config byte: 1 byte.
Hardware Config Byte
The config byte sets the starting microcontroller options and the security levels.
The starting options are X2 mode, and XRAM.
ROM Lock System
The program Lock system, when programmed, protects the on-chip program against
software piracy.
Program ROM Lock Bits
Notes:
1. U: unprogrammed
P: programmed
2. The lock bits when programmed according to Table 46 will provide different level of
protection for the on-chip code and data.
7654
3210
X2
-
-
-
XRAM
-
LB1
LB0
Bit
Number
Bit
Mnemonic
Description
7X2
X2 Mode
Cleared to force X2 mode (6 clocks per instruction)
Set to force X1 mode, Standard Mode.
6-
Reserved
5-
Reserved
4-
Reserved
3XRAM
XRAM config bit
Set this bit to enable XRAM.
Clear this bit to disable XRAM.
2-
Reserved
1-0
LB0-1
User Program ROM Lock Bits
see Table 46.
Table 46. Program Lock bits
Program Lock Bits
Protection Description
Security
level
LB0
LB1
1
U
U
No program lock features enabled.
2
P
U
Reserved. Do not use.
3U
P
MOVC instruction executed from external program memory are disabled from
fetching code bytes from internal memory, EA is sampled and latched on reset.
Verify disable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com