Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT80C51RB2-SLSIM Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT80C51RB2-SLSIM
Description  80C51 High Performance ROM 8-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RB2-SLSIM Datasheet(HTML) 1 Page - ATMEL Corporation

  AT80C51RB2-SLSIM Datasheet HTML 1Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 2Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 3Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 4Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 5Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 6Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 7Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 8Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 83 page
background image
Rev. 4113B–8051–03/05
Features
• 80C52 Compatible
– Four 8-bit I/O Ports
– Three 16-bit Timer/Counters
– 256 Bytes Scratch Pad RAM
– 8 Interrupt Sources with 4 Priority Levels
– Dual Data Pointer
• Variable Length MOVX for Slow RAM/Peripherals
• High-speed Architecture
– 10 to 40 MHz in Standard Mode
• 16K/32K Bytes On-Chip ROM Program
• T80C51RD2 ROMless Versions
• On-Chip 1024 bytes Expanded RAM (XRAM)
– Software Selectable Size (0, 256, 512, 768, 1024 bytes)
– 256 Bytes Selected at Reset for AT87C51RB2/RC2 Compatibility
• Keyboard Interrupt Interface on Port P1
• 8-bit Clock Prescaler
• 64K Program and Data Memory Spaces
• Improved X2 Mode with Independant Selection for CPU and Each Peripheral
• Programmable Counter Array 5 Channels with:
– High-speed Output
– Compare/Capture
– Pulse Width Modulator
– Watchdog Timer Capabilities
• Asynchronous Port Reset
• Full Duplex Enhanced UART
• Dedicated Baud Rate Generator for UART
• Low EMI (Inhibit ALE)
• Hardware Watchdog Timer (One-time Enabled with Reset-out)
• Power Control Modes
–Idle Mode
– Power-down Mode
– Power-off Flag
• Power Supply: 2.7V to 5.5V or 2.7V to 3.6V
• Temperature Ranges: Commercial (0 to +70
°C) and Industrial (-40°C to +85°C)
• Packages: PDIL40, PLCC44, VQFP44
Description
AT8xC51Rx2 microcontrollers are high performance ROM versions of the 80C51 8-bit
microcontrollers. They contain a 0K, 16K or 32K bytes ROM memory block for
program.
The microcontrollers retain all features of the Atmel 80C52 with 256 bytes of internal
RAM, a 7-source 4-level interrupt controller and three timer/counters.
In addition, the microcontrollers have a Programmable Counter Array, an XRAM of
1024 byte, a Hardware Watchdog Timer, a Keyboard Interface, a more versatile serial
channel that facilitates multiprocessor communication (EUART) and a speed improve-
ment mechanism (X2 mode).
The microcontrollers have 2 software-selectable modes of reduced activity and 8 bit
clock prescaler for further reduction in power consumption. In Idle mode, the CPU is
frozen while the peripherals and the interrupt system are still operating. In the Power-
down mode, the RAM is saved and all other functions are inoperative.
80C51 High
Performance
ROM 8-bit
Microcontroller
AT80C51RD2
AT83C51RB2
AT83C51RC2


Similar Part No. - AT80C51RB2-SLSIM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AT80C51RA2 IRF-AT80C51RA2 Datasheet
805Kb / 85P
High Performance 8-bit Microcontroller
logo
ATMEL Corporation
AT80C51RA2 ATMEL-AT80C51RA2 Datasheet
995Kb / 86P
High Performance 8-bit Microcontroller
logo
International Rectifier
AT80C51RA2-3CSCL IRF-AT80C51RA2-3CSCL Datasheet
805Kb / 85P
High Performance 8-bit Microcontroller
logo
ATMEL Corporation
AT80C51RA2-3CSCL ATMEL-AT80C51RA2-3CSCL Datasheet
995Kb / 86P
High Performance 8-bit Microcontroller
logo
International Rectifier
AT80C51RA2-3CSCV IRF-AT80C51RA2-3CSCV Datasheet
805Kb / 85P
High Performance 8-bit Microcontroller
More results

Similar Description - AT80C51RB2-SLSIM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC17C4X MICROCHIP-PIC17C4X Datasheet
1Mb / 240P
High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
1996 - 1999
logo
NXP Semiconductors
P87CL52X2 PHILIPS-P87CL52X2 Datasheet
301Kb / 47P
80C51 8-bit microcontroller family
2003 May 14
logo
ATMEL Corporation
AT83C51RC2 ATMEL-AT83C51RC2 Datasheet
1Mb / 81P
80C51 High Performance ROM 8-bit Microcontroller
logo
NXP Semiconductors
P89C51RB2HXX PHILIPS-P89C51RB2HXX Datasheet
314Kb / 56P
80C51 8-bit Flash microcontroller family
2002 May 24
P83C660X2 PHILIPS-P83C660X2 Datasheet
574Kb / 102P
80C51 8-bit microcontroller family
2003 Oct 02
logo
ATMEL Corporation
AT80C51RD2 ATMEL-AT80C51RD2_08 Datasheet
927Kb / 86P
80C51 High Performance ROM 8-bit Microcontroller
AT80C51RD2 ATMEL-AT80C51RD2_09 Datasheet
1Mb / 81P
80C51 High Performance ROM 8-bit Microcontroller
logo
Microchip Technology
PIC17LC42AT-08I-PT MICROCHIP-PIC17LC42AT-08I-PT Datasheet
1Mb / 241P
High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
01/18/02
logo
NXP Semiconductors
P87C552SFAA NXP-P87C552SFAA Datasheet
341Kb / 74P
80C51 8-bit microcontroller
2003 Apr 01
logo
Microchip Technology
PIC17C44 MICROCHIP-PIC17C44 Datasheet
935Kb / 241P
High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
01/18/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com