Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT80C51RB2-SLSIM Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT80C51RB2-SLSIM
Description  80C51 High Performance ROM 8-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RB2-SLSIM Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT80C51RB2-SLSIM Datasheet HTML 6Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 7Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 8Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 9Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 10Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 11Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 12Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 13Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 83 page
background image
11
AT80C51RD2/AT83C51Rx2
4113B–8051–03/05
Figure 3. Mode Switching Waveforms
The X2 bit in the CKCON0 register (see Table 5) allows to switch from 12 clock periods
per instruction to 6 clock periods and vice versa. At reset, the speed is set according to
X2 bit of Hardware Config Byte (HCB). By default, Standard mode is activated. Setting
the X2 bit activates the X2 feature (X2 mode).
The T0X2, T1X2, T2X2, UARTX2, PCAX2 and WDX2 bits in the CKCON0 register
(Table 5) allow to switch from standard peripheral speed (12 clock periods per periph-
eral clock cycle) to fast peripheral speed (6 clock periods per peripheral clock cycle).
These bits are active only in X2 mode.
XTAL1:2
CPU Block
X2 Bit
X2 Mode
STD Mode
STD Mode
FOSC
XTAL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com