Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT80C51RB2-SLSIM Datasheet(PDF) 69 Page - ATMEL Corporation

Part # AT80C51RB2-SLSIM
Description  80C51 High Performance ROM 8-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RB2-SLSIM Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button AT80C51RB2-SLSIM Datasheet HTML 65Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 66Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 67Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 68Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 69Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 70Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 71Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 72Page - ATMEL Corporation AT80C51RB2-SLSIM Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 83 page
background image
70
AT80C51RD2/AT83C51Rx2
4113B–8051–03/05
AC Parameters
Explanation of the AC
Symbols
Each timing symbol has 5 characters. The first character is always a “t” (stands for time).
The other characters, depending on their positions, stand for the name of a signal or the
logical status of that signal. The following is a list of all the characters and what they
stand for.
Example:TAVLL = Time for Address Valid to ALE Low.
TLLPL = Time for ALE Low to PSEN Low.
(Load Capacitance for port 0, ALE and PSEN = 100 pF; Load Capacitance for all other
outputs = 80 pF.)
Table 49 Table 52, and Table 54 give the description of each AC symbols.
Table 51, Table 53 and Table 55 give for each range the AC parameter.
Table 50, Table 51 and Table 56 gives the frequency derating formula of the AC param-
eter for each speed range description. To calculate each AC symbols. take the x value
in the correponding column (-M or -L) and use this value in the formula.
Example: T
LLIU for -M and 20 MHz, Standard clock.
x = 35 ns
T = 50 ns
T
CCIV = 4T - x = 165 ns
External Program Memory
Characteristics
Table 49. Symbol Description
Symbol
Parameter
T
Oscillator clock period
T
LHLL
ALE pulse width
T
AVLL
Address Valid to ALE
T
LLAX
Address Hold After ALE
T
LLIV
ALE to Valid Instruction In
T
LLPL
ALE to PSEN
T
PLPH
PSEN Pulse Width
T
PLIV
PSEN to Valid Instruction In
T
PXIX
Input Instruction Hold After PSEN
T
PXIZ
Input Instruction FloatAfter PSEN
T
AVIV
Address to Valid Instruction In
T
PLAZ
PSEN Low to Address Float



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com