Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC12013P Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC12013P
Description  Dual Modulus Prescaler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12013P Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC12013P Datasheet HTML 3Page - Motorola, Inc MC12013P Datasheet HTML 4Page - Motorola, Inc MC12013P Datasheet HTML 5Page - Motorola, Inc MC12013P Datasheet HTML 6Page - Motorola, Inc MC12013P Datasheet HTML 7Page - Motorola, Inc MC12013P Datasheet HTML 8Page - Motorola, Inc MC12013P Datasheet HTML 9Page - Motorola, Inc MC12013P Datasheet HTML 10Page - Motorola, Inc MC12013P Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MC12009 MC12011 MC12013
7
MOTOROLA RF/IF DEVICE DATA
ELECTRICAL CHARACTERISTICS (Supply Voltage = 5.0 V, unless otherwise noted.) (continued)
TEST VOLTAGE/CURRENT VALUES
Volts
@ Test Temperature
VIHmax
VILmin
VIHAmin VILAmax
VIH
VILH
–30
°C
+4.110
+3.070
+3.795
+3.500
+2.4
+0.5
+25
°C
+4.190
+3.110
+3.895
+3.525
+2.4
+0.5
+85
°C
+4.300
+3.135
+3.965
+3.560
+2.4
+0.5
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
(VEE)
Characteristic
Symbol
Under
Test
VIHmax
VILmin
VIHAmin VILAmax
VIH
VIL
(VEE)
Gnd
Power Supply Drain Current
ICC1
8
8
ICC2
6
4
5
8
Input Current
IinH1
15
11
12
13
15
11
12
13
8
8
8
8
IinH2
4
5
5
5
4
4
8
8
IinH3
5
4
5
8
IinH4
9
10
9
10
8
8
Leakage Current
IinL1
15
11
12
13
8,15
8,11
8,12
8,13
IinL2
9
10
9
10
8
8
Reference Voltage
VBB
14
8
Logic ‘1’ Output Voltage
VOH1
(Note 4.)
2
3
11,12,13
11,12,13
9,10
9,10
8
8
VOH2
7
5
4
8
Logic ‘0’ Output Voltage
VOL1
(Note 4.)
2
3
11,12,13
11,12,13
9,10
9,10
8
8
VOL2
7
4
5
8
Logic ‘1’ Threshold Voltage
VOHA
(Note 5.)
2
3
11,12,13
11,12,13
8
8
Logic ‘0’ Threshold Voltage
VOLA
(Note 6.)
2
3
11,12,13
11,12,13
8
8
Short Circuit Current
IOS
7
5
4
7
8
4. Test outputs of the device must be tested by sequencing through the truth table. All input, power supply and
ground voltages must be maintained between tests. The clock input is the waveform shown.
5. In addition to meeting the output levels specified, the device must divide by 5, 8 or 10 during this test. The clock
input is the waveform shown.
6. In addition to meeting the output levels specified, the device must divide by 6, 9 or 11 during this test. The clock
input is the waveform shown.
VIHmax
VILmin
Clock Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com