Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC12013P Datasheet(PDF) 14 Page - Motorola, Inc

Part # MC12013P
Description  Dual Modulus Prescaler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12013P Datasheet(HTML) 14 Page - Motorola, Inc

Back Button MC12013P Datasheet HTML 7Page - Motorola, Inc MC12013P Datasheet HTML 8Page - Motorola, Inc MC12013P Datasheet HTML 9Page - Motorola, Inc MC12013P Datasheet HTML 10Page - Motorola, Inc MC12013P Datasheet HTML 11Page - Motorola, Inc MC12013P Datasheet HTML 12Page - Motorola, Inc MC12013P Datasheet HTML 13Page - Motorola, Inc MC12013P Datasheet HTML 14Page - Motorola, Inc MC12013P Datasheet HTML 15Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Figure 9. Divide By 20/21 (MC12013)
13
12
10
15
+
–
C
E5
E4
E3
E2
E1
Q4
Q4
2
3
7
MECL
to
MTTL
Trans–
lator
E2 + E3 + E4 + E5 = 0
E2 + E3 + E4 + E5 = 1
To obtain an MTTL output, connect Pins 5 and 4 to Pins 2 and 3 respectively. Termination
resistors for the MECL outputs are not shown, but are required except for the flip–flop driving
the translator section.
The
B 20/21 counter may also be built using an MTTL flip–flop by connecting Pins 5 and
4 to Pins 2 and 3 respectively, and driving the MTTL flip–flop with Pin 7. MC12013 inputs
E4 and E5 are used rather than E1. With E1 + E2 + E3 = 0, operation remains as shown.
Q5
D
C
Q
Q
1/2 MC10131
11
9
5
4
Figure 10. Divide By 40/41 (MC12013)
13
12
11
10
9
15
5
4
+
–
C
E5
E4
E3
E2
E1
Q4
Q4
2
3
7
MECL
to
MTTL
Trans–
lator
D
C
Q
Q
For
B 40 : E4 + E5 = 1
For
B 41 : E4 + E5 = 0
Termination
resistors
for
MECL
outputs are not shown, but are
required except for the flip–flop
driving the translator section.
D
C
Q
Q
MC10131
MC12009 MC12011 MC12013
14
MOTOROLA RF/IF DEVICE DATA
COUNT
Q1
Q2
Q3
Q4
Q4
31
1
1
1
1
1
30
0
1
1
1
1
28
0
0
1
1
1
24
0
0
0
1
1
25
1
0
0
1
1
27
1
1
0
1
1
22
0
1
1
0
1
20
0
0
1
0
1
16
0
0
0
0
1
17
1
0
0
0
1
19
1
1
0
0
1
14
0
1
1
1
0
12
0
0
1
1
0
8
0
0
0
1
0
9
1
0
0
1
0
11
1
1
0
1
0
6
0
1
1
0
0
4
0
0
1
0
0
0
0
0
0
0
0
1
1
0
0
0
0
3
1
1
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com