Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC12013P Datasheet(PDF) 9 Page - Motorola, Inc

Part # MC12013P
Description  Dual Modulus Prescaler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12013P Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MC12013P Datasheet HTML 5Page - Motorola, Inc MC12013P Datasheet HTML 6Page - Motorola, Inc MC12013P Datasheet HTML 7Page - Motorola, Inc MC12013P Datasheet HTML 8Page - Motorola, Inc MC12013P Datasheet HTML 9Page - Motorola, Inc MC12013P Datasheet HTML 10Page - Motorola, Inc MC12013P Datasheet HTML 11Page - Motorola, Inc MC12013P Datasheet HTML 12Page - Motorola, Inc MC12013P Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MC12009 MC12011 MC12013
9
MOTOROLA RF/IF DEVICE DATA
SWITCHING CHARACTERISTICS
Ch
t
i ti
Sb l
Pin
MC12009, MC12011, MC12013
TEST VOLTAGES/WAVEFORMS APPLIED TO PINS LISTED BELOW:
Ch
t
i ti
Sb l
Pin
Under
–30
°C
+25
°C
+85
°C
Uit
Pulse
Pulse
Pulse
VIHmin
VILmin
VF
VEE
VCC
Characteristic
Symbol
Under
Test
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Pulse
Gen.1
Pulse
Gen.2
Pulse
Gen.3
VIHmin
{
VILmin
{
VF
–3.0 V
VEE
–3.0 V
VCC
+2.0
Propagation Delay
(See Figures 3 and 5)
t15+ 2+
t15+ 2–
t5+ 7+
t5– 7–
2
2
7
7
—
—
—
—
—
—
—
—
8.1
7.5
8.4
6.5
—
—
—
—
—
—
—
—
8.1
7.5
8.1
6.5
—
—
—
—
—
—
—
—
8.9
8 2
8.9
7.1
ns
15
15
A
A
—
—
—
—
—
—
—
—
—
—
—
—
11,12,13
11,12,13
—
—
9,10
9,10
—
—
8
8
8
8
1,6,16
1,6,16
1,6,16
1,6,16
Setup Time
(See Figures 4 and 5)
tsetup1
tsetup2
11
9
5.0
5.0
—
—
—
—
5.0
5.0
—
—
—
—
5.0
5.0
—
—
—
—
ns
ns
15
15
*
—
—
*
—
—
*
11,12,13
9,10
*
8
8
1,6,16
1,6,16
Release Time
(See Figures 4 and 5)
trel1
trel2
11
9
5.0
5.0
—
—
—
—
5.0
5.0
—
—
—
—
5.0
5.0
—
—
—
—
ns
ns
15
15
*
—
—
*
—
—
*
11,12,13
9.10
*
8
8
1,6,16
1,6,16
Toggle Frequency
(See Figure 6)
MC12009 : 5/6
MC12011 : 8/9
MC12013 : 10/11
fmax
2
440
500
500
—
—
—
—
—
—
480
550
550
—
—
—
—
—
—
440
500
500
—
—
—
—
—
—
MHz
—
—
—
—
—
—
—
—
—
11
11
11
—
—
—
—
—
—
8
8
8
16
16
16
*Test inputs sequentially, with Pulse Generator 2 or 3 as indicated connected to input under test, and the voltage indicated applied to the other input(s) of the same type ( i.e., MECL or MTTL).
{V
–30
°C
+25
°C
+85
°C
{VIHmin
+ 1.03
+ 1.115
+ 1.20
Vdc
{VILmin
+ 0.175
+ 0.200
+ 0.235
Vdc
Figure 3. AC Voltage Waveforms
MTTL
Out
+In
Q (Pin 3)
Q (Pin 2)
VILmin
VIHmin
–1.5 V
t+ –
t++
20%
80%
50%
50%
50%
50%
t––
t++
Pulse
Generator
1
Pulse
Generator
3
Divide by 5
— MC12009
Divide by 8
— MC12011
Divide by 10 — MC12013
Divide by 6
— MC12009
Divide by 9
— MC12011
Divide by 11 — MC12013
tsetup1
tsetup2
+1.5 V
50
%
50%
50%
80%
80%
80%
80%
20%
20%
20%
20%
90%
90%
10%
10%
trel2
–1.5 V
VIHmin
VILmin
VIHmin
VILmin
0 V
VEE
trel1
50%
Pulse
Generator
1
Pulse
Generator
2
Q (Pin 2)
Figure 4. Setup and Release Time Waveforms
Pulse
Generator
3
Pulse
Generator
1
Pulse
Generator
2
Q (Pin 2)
VIHmin
VILmin
VIHmin
VILmin
0 V
VEE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15