Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC12013P Datasheet(PDF) 10 Page - Motorola, Inc

Part # MC12013P
Description  Dual Modulus Prescaler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12013P Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MC12013P Datasheet HTML 6Page - Motorola, Inc MC12013P Datasheet HTML 7Page - Motorola, Inc MC12013P Datasheet HTML 8Page - Motorola, Inc MC12013P Datasheet HTML 9Page - Motorola, Inc MC12013P Datasheet HTML 10Page - Motorola, Inc MC12013P Datasheet HTML 11Page - Motorola, Inc MC12013P Datasheet HTML 12Page - Motorola, Inc MC12013P Datasheet HTML 13Page - Motorola, Inc MC12013P Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MC12009 MC12011 MC12013
10
MOTOROLA RF/IF DEVICE DATA
–
All Pulse Generators are EH 137 or equiv.
Pulse Generators 1 and 2:
PRF = 10 MHz
PW = 50% Duty Cycle
t + = t – = 2.0
± 0.2 ns
Pulse Generator 3:
PRF = 2.0 MHz
PW = 50% Duty Cycle
t + = t – = 5.0
± 0.5 ns
All resistors are + 1%.
All input and output cables to the scope are equal lengths of 50–ohm coaxial cable.
The 1950–ohm resistor at Pin 7 and the scope termination impedance constitute a 40 : 1 attenuator probe.
CT = 15 pF = total parasitic capacitance which includes probe, wiring, and load capacitance.
Unused output connected to a 50–ohm resistor to ground.
Vin
50
100
Vin
Pulse
Generator
#1
Pulse
Generator
#2
Pulse
Generator
#3
A
MC10109 or equiv.
(Scope Channel A)
50
950
VCC = +2.0 V
25
µF
13
12
11
10
9
15
14
5
4
0.1
µF
+
VEE = –3.0 V
8
MECL
to
MTTL
Trans–
lator
VBB
C
E5
E4
E3
E2
E1
16
16
0.1
µF
2
3
7
VEE = –3.0 V
CT
1950
Vout
Vout (Scope Channel B)
Q
Q
50
100
Vin
50
Vin
Vout
Figure 5. AC Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com