Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS8405A-CS Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS8405A-CS
Description  96 kHz Digital Audio Interface Transmitter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8405A-CS Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS8405A-CS Datasheet HTML 11Page - Cirrus Logic CS8405A-CS Datasheet HTML 12Page - Cirrus Logic CS8405A-CS Datasheet HTML 13Page - Cirrus Logic CS8405A-CS Datasheet HTML 14Page - Cirrus Logic CS8405A-CS Datasheet HTML 15Page - Cirrus Logic CS8405A-CS Datasheet HTML 16Page - Cirrus Logic CS8405A-CS Datasheet HTML 17Page - Cirrus Logic CS8405A-CS Datasheet HTML 18Page - Cirrus Logic CS8405A-CS Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
CS8405A
DS469F2
15
6. CONTROL PORT DESCRIPTION AND
TIMING
The control port is used to access the registers, al-
lowing the CS8405A to be configured for the de-
sired operational modes and formats. In addition,
Channel Status and User data may be read and
written through the control port. The operation of
the control port may be completely asynchronous
with respect to the audio sample rate.
The control port has two modes: SPI and I²C, with
the CS8405A acting as a slave device. SPI mode
is selected if there is a high to low transition on the
AD0/CS pin after the RST pin has been brought
high. I²C mode is selected by connecting the
AD0/CS pin to VL+ or DGND, thereby permanently
selecting the desired AD0 bit address state.
6.1
SPI Mode
In SPI mode, CS is the CS8405A chip select sig-
nal, CCLK is the control port bit clock (input into the
CS8405A from the microcontroller); CDIN is the in-
put data line from the microcontroller; and CDOUT
is the output data line to the microcontroller. Data
is clocked in on the rising edge of CCLK and out on
the falling edge.
Figure 8 shows the operation of the control port in
SPI mode. To write to a register, bring CS low. The
first seven bits on CDIN form the chip address and
must be 0010000. The eighth bit is a read/write in-
dicator (R/W), which should be low to write. The
next eight bits form the Memory Address Pointer
(MAP), which is set to the address of the register
that is to be updated. The next eight bits are the
data which will be placed into the register designat-
ed by the MAP. During writes, the CDOUT output
stays in the Hi-Z state. It may be externally pulled
high or low with a 47 k
Ω resistor, if desired.
There is a MAP auto increment capability, enabled
by the INCR bit in the MAP register. If INCR is a
zero, the MAP will stay constant for successive
read or writes. If INCR is set to a 1, then the MAP
will auto increment after each byte is read or
written,
allowing
block
reads
or
writes
of
successive registers.
To read a register, the MAP has to be set to the
correct address by executing a partial write cycle
which finishes (CS high) immediately after the
MAP byte. The MAP auto increment bit (INCR)
may be set or not, as desired. To begin a read,
bring CS low, send out the chip address and set
the read/write bit (R/W) high. The next falling edge
of CCLK will clock out the MSB of the addressed
register (CDOUT will leave the high impedance
state). If the MAP auto increment bit is set to 1, the
data
for
successive
registers
will
appear
consecutively.
6.2
I²C Mode
In I²C Mode, SDA is a bidirectional data line. Data
is clocked into and out of the part by the clock,
SCL, with the clock to data relationship as shown
in Figure 9. There is no CS pin. Each individual
CS8405A is given a unique address. Pins AD0,
AD1, and AD2 form the three least significant bits
MA P
MSB
LSB
DATA
by te 1
by te n
R/W
R/W
AD D R ESS
CH I P
ADDRESS
CHI P
CD I N
CCL K
CS
CD O U T
MSB
LSB MSB
LSB
0010000
0010000
MAP = Memory Address Pointer, 8 bits, MSB first
High Impedance
Figure 8. Control Port Timing in SPI Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com