Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS8405A-CS Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS8405A-CS
Description  96 kHz Digital Audio Interface Transmitter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8405A-CS Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS8405A-CS Datasheet HTML 21Page - Cirrus Logic CS8405A-CS Datasheet HTML 22Page - Cirrus Logic CS8405A-CS Datasheet HTML 23Page - Cirrus Logic CS8405A-CS Datasheet HTML 24Page - Cirrus Logic CS8405A-CS Datasheet HTML 25Page - Cirrus Logic CS8405A-CS Datasheet HTML 26Page - Cirrus Logic CS8405A-CS Datasheet HTML 27Page - Cirrus Logic CS8405A-CS Datasheet HTML 28Page - Cirrus Logic CS8405A-CS Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
CS8405A
DS469F2
25
9. PIN DESCRIPTION - SOFTWARE MODE
SDA / CDOUT
SCL / CCLK
AD0 / CS
AD1 / CDIN
AD2
TXP
RXP
TXN
DGND2
H/S
VD+
VL+
DGND4
DGND
DGND3
OMCK
RST
U
NC1
INT
NC2
NC5
ILRCK
NC4
ISCLK
NC3
SDIN
TCBL
1
2
3
4
5
6
7
821
22
23
24
25
26
27
28
9
10
11
12
17
18
19
20
13
14
15
16
VD+
6
Digital Power
(Input) - Digital core power supply. Typically +5.0 V.
VL+
23
Logic Power
(Input) - Input/Output power supply. Typically +3.3 V or +5.0 V.
DGND
DGND2
DGND3
DGND4
22
5
8
7
Ground
(Input) - Ground for I/O and core logic.
RST
9
Reset
(Input) - When RST is low, the CS8405A enters a low power mode and all internal
states are reset. On initial power up, RST must be held low until the power supply is stable,
and all input clocks are stable in frequency and phase. This is particularly true in hardware
mode with multiple CS8405A devices, where synchronization between devices is important.
H/S
24
Hardware/Software Control Mode Select
(Input) -Determines the method of controlling the
operation of the CS8405A, and the method of accessing Channel Status and User bit data. In
software mode, device control and CS and U data access is primarily through the control port,
using a microcontroller. Hardware mode provides an alternate mode of operation, and access
to CS and U data is provided by dedicated pins. This pin should be permanently tied to VL+
or DGND.
TXN
TXP
25
26
Differential Line Drivers
(Output) - These pins transmit biphase encoded data. The drivers
are pulled low while the CS8405A is in the reset state.
OMCK
21
Master Clock
(Input) - The frequency must be 256x, 384x, or 512x the sample rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com