Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS8405A-CS Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS8405A-CS
Description  96 kHz Digital Audio Interface Transmitter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8405A-CS Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS8405A-CS Datasheet HTML 23Page - Cirrus Logic CS8405A-CS Datasheet HTML 24Page - Cirrus Logic CS8405A-CS Datasheet HTML 25Page - Cirrus Logic CS8405A-CS Datasheet HTML 26Page - Cirrus Logic CS8405A-CS Datasheet HTML 27Page - Cirrus Logic CS8405A-CS Datasheet HTML 28Page - Cirrus Logic CS8405A-CS Datasheet HTML 29Page - Cirrus Logic CS8405A-CS Datasheet HTML 30Page - Cirrus Logic CS8405A-CS Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
CS8405A
DS469F2
27
10. HARDWARE MODE
The CS8405A has a hardware mode that allows
the use of the device without a microcontroller.
Hardware mode is selected by connecting the H/S
pin to VL+. The flexibility of the CS8405A is neces-
sarily limited in hardware mode. Various pins
change function as described in the hardware
mode pin description section.
The hardware mode data flow is shown in
Figure 10. Audio data is input through the serial
audio input port and routed to the AES3 transmit-
ter.
10.1
Channel Status, User and Validity
Data
The transmitted channel status, user and validity
data can be input in two methods, determined by
the state of the CEN pin. Mode A is selected when
the CEN pin is low. In mode A, the user bit data and
the validity bit are input through the U and V pins,
clocked by both edges of ILRCK. The channel sta-
tus data is derived from the state of the COPY/C,
ORIG, EMPH, and AUDIO pins. Table 2 shows
how the COPY/C and ORIG pins map to channel
status bits. In consumer mode, the transmitted cat-
egory code is set to Sample Rate Converter
(0101100).
Mode B is selected when the CEN pin is high. In
mode B, the channel status, user data bits and the
validity bit are input serially through the COPY/C,
U and V pins. Data is clocked into these pins at
both edges of ILRCK. Figure 7 shows the timing
requirements.
The channel status block pin (TCBL) may be an in-
put or an output, determined by the state of the
TCBLD pin.
10.2
Serial Audio Port Formats
The serial audio input port data format is selected
as shown in Table 3, and may be set to master or
slave by the state of the APMS input pin. Table 4
describes the equivalent software mode, bit settings
for each of the available formats. Timing diagrams
are shown in Figure 6.
AES3
Encoder
&Tx
Serial
Audio
Input
C, U, V Data Buffer
ILRCK
ISCLK
TXP
COPY/C ORIG EMPH AUDIO TCBL
VL +
H/S
Output
Clock
Source
OMCK
Power supply pins and the reset pin are omitted from this diagram.
Please refer to the Typical Connection Diagram for hook-up details.
SDIN
SFMT1 SFMT0
TXN
CEN
U
V
TCBLD
APMS
Figure 10. Hardware Mode
COPY/C
ORIG
Function
00
PRO=0, COPY=0, L=0 copyright
01
PRO=0, COPY=0, L=1 copyright,
pre-recorded
10
PRO=0, COPY=1, L=0
non-copyright
11
PRO=1
Table 2. Hardware Mode COPY/C and ORIG pin functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com