Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS8405A-CS Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS8405A-CS
Description  96 kHz Digital Audio Interface Transmitter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8405A-CS Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS8405A-CS Datasheet HTML 25Page - Cirrus Logic CS8405A-CS Datasheet HTML 26Page - Cirrus Logic CS8405A-CS Datasheet HTML 27Page - Cirrus Logic CS8405A-CS Datasheet HTML 28Page - Cirrus Logic CS8405A-CS Datasheet HTML 29Page - Cirrus Logic CS8405A-CS Datasheet HTML 30Page - Cirrus Logic CS8405A-CS Datasheet HTML 31Page - Cirrus Logic CS8405A-CS Datasheet HTML 32Page - Cirrus Logic CS8405A-CS Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
CS8405A
DS469F2
29
11.PIN DESCRIPTION - HARDWARE MODE
COPY / C
ORIG
VL2+
VL4+
EMPH
TXP
SFMT0
TXN
SFMT1
H/S
VD+
VL+
DGND4
DGND
DGND3
OMCK
RST
VL3+
APMS
AUDIO
TCBLD
U
ILRCK
V
ISCLK
CEN
SDIN
TCBL
1
2
3
4
5
6
7
821
22
23
24
25
26
27
28
9
10
11
12
17
18
19
20
13
14
15
16
VD+
6 Digital Power (Input) - Digital core power supply. Typically +5.0 V.
VL+
VL2+
VL3+
VL4+
23
2
20
27
Logic Power
(Input) - Input/Output power supply. Typically +3.3 V or +5.0 V. All VL+ pins must be
at the same voltage.
DGND
DGND3
DGND4
22
8
7
Digital Ground
(Input) - Ground for the digital section.
RST
9 Reset (Input) - When RST is low, the CS8405A enters a low power mode and all internal states are
reset. On initial power up, RST must be held low until the power supply is stable, and all input clocks
are stable in frequency and phase. This is particularly true in hardware mode with multiple CS8405A
devices, where synchronization between devices is important.
H/S
24 Hardware/Software Control Mode Select (Input) -Determines the method of controlling the opera-
tion of the CS8405A, and the method of accessing CS and U data. In software mode, device control
and CS and U data access is primarily through the control port, using a microcontroller. Hardware
mode provides an alternate mode of operation, and access to CS and U data is provided by dedi-
cated pins. This pin should be permanently tied to VL+ or DGND.
TXN
TXP
25
26
Differential Line Drivers
(Output) - These pins transmit biphase encoded data. The drivers are
pulled low while the CS8405A is in the reset state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com