Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSM-1K0S20AMGS Datasheet(PDF) 3 Page - Inventronics Inc.

Part # SSM-1K0S20AMGS
Description  1000W Programmable Driver with INV Digital Dimming
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

SSM-1K0S20AMGS Datasheet(HTML) 3 Page - Inventronics Inc.

  SSM-1K0S20AMGS Datasheet HTML 1Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 2Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 3Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 4Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 5Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 6Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 7Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 8Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 9Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3 / 17
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
1000W Programmable Driver with INV Digital Dimming
SSM-1K0SxxxMGS
Rev.A
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Input Specifications (Continued)
Parameter
Min.
Typ.
Max.
Notes
Input AC Current
-
-
4.29 A
Measured at 100% load and 277 Vac
input.
-
-
2.53 A
Measured at 100% load and 480 Vac
input.
Inrush Current(I2t)
-
-
1.80 A2s
At 480Vac input, 25
C cold start,
duration=11.9 ms, 10%Ipk-10%Ipk. See
Inrush Current Waveform for the details.
PF
0.90
-
-
At 277-480Vac, 50-60Hz,60%-100%Load
(600 - 1000W)
THD
-
-
20%
Output Specifications
Parameter
Min.
Typ.
Max.
Notes
Output Current Tolerance
-5%Ioset
-
5%Ioset
100% load
Output Current Setting(Ioset
Range)
SSM-1K0S400MGS
SSM-1K0S840MGS
SSM-1K0S20AMGS
320 mA
672 mA
1850 mA
-
-
-
4000 mA
8400 mA
20000 mA
Output Current Setting Range with
Constant Power
SSM-1K0S400MGS
SSM-1K0S840MGS
SSM-1K0S20AMGS
3200 mA
6720 mA
18500 mA
-
-
-
4000 mA
8400 mA
20000 mA
Total Output Current Ripple
(pk-pk)
-
5%Iomax
10%Iomax
100% load, 20 MHz BW
Output Current Ripple at
< 200 Hz (pk-pk)
-
-
2%Iomax
70%-100% load
Startup Overshoot Current
-
-
10%Iomax
100% load
No Load Output Voltage
SSM-1K0S400MGS
SSM-1K0S840MGS
SSM-1K0S20AMGS
-
-
-
-
-
-
350 V
170 V
60 V
Line Regulation
-
-
±
0.5%
100% load
Load Regulation
-
-
±
3.0%
Turn-on Delay Time
-
-
0.5 s
Measured at 277-480Vac input, 60%-
100% Load
Temperature Coefficient of Ioset
-
0.03%/
C
-
Case temperature = 0
C ~Tc max
12V Auxiliary Output Voltage
10.8 V
12 V
13.2 V
12V Auxiliary Output Source
Current
0 mA
-
250 mA
Return terminal is “Dim−“
12V Auxiliary Output Transient
Peak Current@6W
-
-
500 mA
500mA peak for a maximum duration of 2.2
ms in a 6.0ms period during which time the
average should not exceed 250mA.
12V Auxiliary Output Transient
Peak Current@10W
-
-
850 mA
850mA peak for a maximum duration of 1.3
ms in a 5.2ms period during which time the
average should not exceed 250mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com