Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSM-1K0S20AMGS Datasheet(PDF) 4 Page - Inventronics Inc.

Part # SSM-1K0S20AMGS
Description  1000W Programmable Driver with INV Digital Dimming
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

SSM-1K0S20AMGS Datasheet(HTML) 4 Page - Inventronics Inc.

  SSM-1K0S20AMGS Datasheet HTML 1Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 2Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 3Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 4Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 5Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 6Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 7Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 8Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 9Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4 / 17
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
1000W Programmable Driver with INV Digital Dimming
SSM-1K0SxxxMGS
Rev.A
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
General Specifications
Parameter
Min.
Typ.
Max.
Notes
Efficiency at 277 Vac input:
SSM-1K0S400MGS
Io= 3200 mA
Io= 4000 mA
SSM-1K0S840MGS
Io= 6720 mA
Io= 8400 mA
SSM-1K0S20AMGS
Io= 18500 mA
Io= 20000 mA
93.0%
93.0%
92.5%
92.5%
92.5%
93.0%
95.0%
95.0%
94.5%
94.5%
94.5%
95.0%
-
-
-
-
-
-
Measured at 100% load and steady-state
temperature in 25
C ambient;
(Efficiency will be about 2.0% lower if
measured immediately after startup.)
Efficiency at 400 Vac input:
SSM-1K0S400MGS
Io= 3200 mA
Io= 4000 mA
SSM-1K0S840MGS
Io= 6720 mA
Io= 8400 mA
SSM-1K0S20AMGS
Io= 18500 mA
Io= 20000 mA
93.5%
93.5%
93.5%
93.0%
94.0%
93.5%
95.5%
95.5%
95.5%
95.0%
96.0%
95.5%
-
-
-
-
-
-
Measured at 100% load and steady-state
temperature in 25
C ambient;
(Efficiency will be about 2.0% lower if
measured immediately after startup.)
Efficiency at 480 Vac input:
SSM-1K0S400MGS
Io= 3200 mA
Io= 4000 mA
SSM-1K0S840MGS
Io= 6720 mA
Io= 8400 mA
SSM-1K0S20AMGS
Io= 18500 mA
Io= 20000 mA
94.0%
94.0%
93.5%
93.0%
94.0%
93.5%
96.0%
96.0%
95.5%
95.0%
96.0%
95.5%
-
-
-
-
-
-
Measured at 100% load and steady-state
temperature in 25
C ambient;
(Efficiency will be about 2.0% lower if
measured immediately after startup.)
Standby Power
-
1.5 W
Measured at 480Vac/50Hz; Dimming off
MTBF
-
200,000
Hours
-
Measured at 480Vac input, 80%Load and
25
C ambient temperature (MIL-HDBK-
217F)
Lifetime
-
100,000
Hours
-
Measured at 480Vac input, 80%Load and
70
C case temperature; See lifetime vs.
Tc curve for the details
-
50,000
Hours
-
Measured at 277Vac input, 100%Load
and 40
C ambient temperature
Operating Case Temperature for
Safety Tc_s
-40°C
-
+90°C
Operating Case Temperature for
Warranty Tc_w
-40°C
-
+80°C
Case temperature for 5 years warranty
Humidity: 10%RH to 95%RH
Storage Temperature
-40°C
-
+85°C
Humidity: 5%RH to 95%RH
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
16.73 × 4.25 × 1.91
425 × 108 × 48.5
With mounting ear
17.72 × 4.25 × 1.91
450 × 108 × 48.5
Net Weight
-
3710 g
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com