Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSM-1K0S20AMGS Datasheet(PDF) 9 Page - Inventronics Inc.

Part # SSM-1K0S20AMGS
Description  1000W Programmable Driver with INV Digital Dimming
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

SSM-1K0S20AMGS Datasheet(HTML) 9 Page - Inventronics Inc.

Back Button SSM-1K0S20AMGS Datasheet HTML 5Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 6Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 7Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 8Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 9Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 10Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 11Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 12Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 13Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9 / 17
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
1000W Programmable Driver with INV Digital Dimming
SSM-1K0SxxxMGS
Rev.A
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Hot-plugging Protection
This feature protects LEDs when connecting to a driver that is already powered on. This is disabled by default
and can be enabled through the Inventronics Programing software.
LED threshold voltage (Vth) is the minimum voltage required for
current to flow through the LED load. After this threshold is met, the
LED forward voltage (Vf) increases as the current increases.
Set Vth close to, but higher than the actual LED threshold voltage for
optimized performance. The greater the difference between the Vth
setting and the actual LED threshold voltage, the higher the overshoot
current will be. The Vth setting must be lower than Vf.
Please test, program, and tune this feature for each LED load design.
Parameter
Min.
Typ.
Max.
Notes
Hot-
plugging
Protection
LED
Threshold
Voltage
Setting
Range
SSM-1K0S400MGS
175 V
-
312 V
Set Vth close to, but higher than
the actual LED threshold
voltage
SSM-1K0S840MGS
84 V
-
149 V
SSM-1K0S20AMGS
44 V
-
54 V
Setting Tolerance
-2%
-
2%
Parallel LED Protection
This feature helps protect parallel LEDs from a high, overcurrent condition by limiting the voltage. This is disabled
by default and can be enabled through the Inventronics Programing software.
Set V_overload close to, but higher than the maximum forward voltage
for optimized performance. The greater the difference between the
V_overload setting and the maximum forward voltage, the higher the
overload stress will be. The V_overload setting must be higher than
Vf.
Please test, program, and tune this feature for each LED load design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com