Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSM-1K0S20AMGS Datasheet(PDF) 7 Page - Inventronics Inc.

Part # SSM-1K0S20AMGS
Description  1000W Programmable Driver with INV Digital Dimming
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

SSM-1K0S20AMGS Datasheet(HTML) 7 Page - Inventronics Inc.

Back Button SSM-1K0S20AMGS Datasheet HTML 3Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 4Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 5Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 6Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 7Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 8Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 9Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 10Page - Inventronics Inc. SSM-1K0S20AMGS Datasheet HTML 11Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7 / 17
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
1000W Programmable Driver with INV Digital Dimming
SSM-1K0SxxxMGS
Rev.A
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Inrush Current Waveform
Efficiency vs. Load
SSM-1K0S400MGS(lo=3200mA)
SSM-1K0S400MGS(lo=4000mA)
SSM-1K0S840MGS(lo=6720mA)
SSM-1K0S840MGS(lo=8400mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com