Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS5LC1008DCJ-10/XT Datasheet(PDF) 1 Page - Austin Semiconductor

Part # AS5LC1008DCJ-10/XT
Description  128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5LC1008DCJ-10/XT Datasheet(HTML) 1 Page - Austin Semiconductor

  AS5LC1008DCJ-10/XT Datasheet HTML 1Page - Austin Semiconductor AS5LC1008DCJ-10/XT Datasheet HTML 2Page - Austin Semiconductor AS5LC1008DCJ-10/XT Datasheet HTML 3Page - Austin Semiconductor AS5LC1008DCJ-10/XT Datasheet HTML 4Page - Austin Semiconductor AS5LC1008DCJ-10/XT Datasheet HTML 5Page - Austin Semiconductor AS5LC1008DCJ-10/XT Datasheet HTML 6Page - Austin Semiconductor AS5LC1008DCJ-10/XT Datasheet HTML 7Page - Austin Semiconductor AS5LC1008DCJ-10/XT Datasheet HTML 8Page - Austin Semiconductor AS5LC1008DCJ-10/XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS5LC1008
Austin Semiconductor, Inc.
AS5LC1008
Rev. 1.0 11/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
FEATURES
• High-speed access times of 10, 12, 15 and 20 ns
• High-performance, low-power CMOS process
• Multiple center power and ground pins for greater noise
immunity
• Easy memory expansion with CE\ and OE\ options
• CE\ power-down
• Fully static operation: no clock or refresh required
• TTL compatible inputs and outputs
• Single 3.3V power supply
128K x 8 SRAM
High-Speed CMOS SRAM with
3.3V Revolutionary Pinout
PIN ASSIGNMENT
(Top View)
32-Pin, 400-mil
Plastic SOJ (DJ) & Ceramic SOJ (DCJ)
GENERAL DESCRIPTION
The ASI AS5LC1008 is a very high-speed, low power,
131,072-word by 8-bit CMOS static RAM in revolutionary
pinout. The AS5LC1008 is fabricated using high-performance
CMOS technology. This highly reliable process coupled with
innovative circuit design techniques, yields higher performance
and low power consumption devices.
When CE\ is HIGH (deselected), the device assumes a
standby mode at which the power dissipation can be reduced
down to 250µW (typical) with CMOS input levels.
The AS5LC1008 operates from a single 3.3V power supply
and all inputs are TTL-compatible.
OPTIONS
MARKING
• Timing
10ns access
-10
12ns access
-12
15ns access
-15
20ns access
-20
• Package
Plastic SOJ (32-pin, 400-mil)
DJ
No. 906
*Ceramic SOJ (32-pin, 400-mil)
DCJ
No. 501
• Operating Temperature Ranges
-Military (-55oC to +125oC)
XT
-Industrial (-40oC to +85oC)
IT
*Consult Factory, Possible Future Offering
For more products and information
please visit our web site at
www.austinsemiconductor.com
PIN FUNCTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A0
A1
A2
A3
CE\
I/O 0
I/O 1
Vcc
GND
I/O 2
I/O 3
WE\
A4
A5
A6
A7
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A16
A15
A14
A13
OE\
I/O 7
I/O 6
GND
Vcc
I/O 5
I/O 4
A12
A11
A10
A9
A8
PIN
DESCRIPTION
A0 - A16
Address Inputs
CE\
Chip Enable Input
OE\
Output Enable Input
WE\
Write Enable Input
I/O0 - I/O7
Bidirectional Ports
VCC
Power
GND
Ground


Similar Part No. - AS5LC1008DCJ-10/XT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5LC1008DCJ-10/XT AUSTIN-AS5LC1008DCJ-10/XT Datasheet
527Kb / 10P
128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
More results

Similar Description - AS5LC1008DCJ-10/XT

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
logo
Integrated Silicon Solu...
IS63LV1024 ISSI-IS63LV1024 Datasheet
68Kb / 8P
128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Austin Semiconductor
AS5C512K8 AUSTIN-AS5C512K8 Datasheet
416Kb / 16P
512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
logo
Integrated Silicon Solu...
IS63LV1024L ISSI-IS63LV1024L Datasheet
45Kb / 9P
128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Alliance Semiconductor ...
AS7C31024B ALSC-AS7C31024B Datasheet
120Kb / 9P
3.3V 128K X 8 CMOS SRAM
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
logo
Integrated Circuit Solu...
IC63LV1024 ICSI-IC63LV1024 Datasheet
133Kb / 10P
128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Silicon Solu...
IS63LV1024 ISSI-IS63LV1024_07 Datasheet
614Kb / 18P
128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Austin Semiconductor
AS5C512K8 AUSTIN-AS5C512K8_08 Datasheet
242Kb / 17P
512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT
AS5LC1008 AUSTIN-AS5LC1008_05 Datasheet
527Kb / 10P
128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com