Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS5LC1008DCJ-10/XT Datasheet(PDF) 4 Page - Austin Semiconductor

Part # AS5LC1008DCJ-10/XT
Description  128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5LC1008DCJ-10/XT Datasheet(HTML) 4 Page - Austin Semiconductor

  AS5LC1008DCJ-10/XT Datasheet HTML 1Page - Austin Semiconductor AS5LC1008DCJ-10/XT Datasheet HTML 2Page - Austin Semiconductor AS5LC1008DCJ-10/XT Datasheet HTML 3Page - Austin Semiconductor AS5LC1008DCJ-10/XT Datasheet HTML 4Page - Austin Semiconductor AS5LC1008DCJ-10/XT Datasheet HTML 5Page - Austin Semiconductor AS5LC1008DCJ-10/XT Datasheet HTML 6Page - Austin Semiconductor AS5LC1008DCJ-10/XT Datasheet HTML 7Page - Austin Semiconductor AS5LC1008DCJ-10/XT Datasheet HTML 8Page - Austin Semiconductor AS5LC1008DCJ-10/XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS5LC1008
Austin Semiconductor, Inc.
AS5LC1008
Rev. 1.0 11/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
READ CYCLE SWITCHING CHARACTERISTICS1
(-55oC < T
A
< +125oC or -40oC to +85oC; Vcc = 3.3V +0.3V)
NOTES:
1. Test conditions assume signal transition times of 3ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V and C1 output loading specified
in Figure 1.
2. Tested with the C2 load in Figure 1. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
AC TEST CONDITIONS
PARAMETER
UNIT
Input Pulse Level
0V to 3.0V
Input Rise and Fall Times
3ns
Input and Output timing and Reference Levels
1.5V
Output Load
See Figures 1 and 2
FIGURE 1
FIGURE 2
AC TEST LOADS
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
Read Cycle Time
tRC
10
---
12
---
15
---
20
---
ns
Address Access Time
tAA
---
10
---
12
---
15
---
20
ns
Output Hold time
tOHA
2
---
2
---
2
---
2
---
ns
CE\ Access Time
tACE
---
10
---
12
---
15
---
20
ns
OE\ Access Time
tDOE
---
5
---
6
---
7
---
8
ns
OE\ to Low-Z Output
tLZOE
2
0
---
0
---
0
---
0
---
ns
OE\ to High-Z Output
tHZOE
2
05060708
ns
CE\ to Low-Z Output
tLZCE
2
2
---
2
---
2
---
2
---
ns
CE\ to High-Z Output
tHZCE
2
05060708
ns
-10
-12
-20
-15



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com